Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF86 Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 17Page - Texas Instruments DAC38RF86 Datasheet HTML 18Page - Texas Instruments DAC38RF86 Datasheet HTML 19Page - Texas Instruments DAC38RF86 Datasheet HTML 20Page - Texas Instruments DAC38RF86 Datasheet HTML 21Page - Texas Instruments DAC38RF86 Datasheet HTML 22Page - Texas Instruments DAC38RF86 Datasheet HTML 23Page - Texas Instruments DAC38RF86 Datasheet HTML 24Page - Texas Instruments DAC38RF86 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 147 page
background image
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
D013
-12dBFS
-6dBFS
0dBFS
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
D014
Iout=10mA
Iout=20mA
Iout=30mA
Iout=40mA
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D018
-12dBFS
-6dBFS
0dBFS
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
35
40
45
50
55
60
65
70
75
80
D023
D008
D023
Iout=10mA
Iout=20mA
Iout=30mA
Iout=40mA
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
120
126
132
138
144
150
156
162
168
174
180
D005
-12dBFS
-9dBFS
-6dBFS
0dBFS
Output Frequency (MHz)
500
1000
1500
2000
2500
3000
3500
4000
4500
120
126
132
138
144
150
156
162
168
174
180
D011
Iout=40mA
Iout=30mA
Iout=20mA
Iout=10mA
21
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
www.ti.com
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.10 Typical Characteristics, DAC38RF86 and DAC38RF96
Unless otherwise noted, all plots are at TA = 25°C, nominal supply voltages, fDAC = 9 GSPS, 12x interpolation, 0
dBFS digital input, 40 mA full scale output current , LMFSHd = 84111 and on-chip PLL mode is enabled.
Measured 50 MHz from carrier
Figure 1. NSD vs Output Frequency Over Input Scale
Measured 50 MHz from carrier
Figure 2. NSD vs Output Frequency Over Output Current
IoutFS
Figure 3. HD2 vs Output Frequency Over Input Scale
Figure 4. HD2 vs Output Frequency Over Output Current
IoutFS
Figure 5. HD3 vs Output Frequency Over Input Scale
Figure 6. HD3 vs Output Frequency Over Output Current
IoutFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com