Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF86 Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 9Page - Texas Instruments DAC38RF86 Datasheet HTML 10Page - Texas Instruments DAC38RF86 Datasheet HTML 11Page - Texas Instruments DAC38RF86 Datasheet HTML 12Page - Texas Instruments DAC38RF86 Datasheet HTML 13Page - Texas Instruments DAC38RF86 Datasheet HTML 14Page - Texas Instruments DAC38RF86 Datasheet HTML 15Page - Texas Instruments DAC38RF86 Datasheet HTML 16Page - Texas Instruments DAC38RF86 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 147 page
background image
13
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
www.ti.com
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.6 Electrical Characteristics - Digital Specifications
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CML SerDes INPUTS: RX[7:0]+/-
VDIFF
Receiver input amplitude
50
1200
mV
VCOM
Input common mode voltage
TERM = 111
600
mV
TERM = 001
700
TERM = 100
0
TERM = 101
250
ZDDIFF
Internal differential termination
85
100
115
Ω
fSerDes
SerDes bit rate
0.78125
12.5
Gbps
DIFFERENTIAL CLOCK INPUTS: SYSREF+/-, DACCLK+/-
fDACCLK
DACCLK input frequency
0.1
9
GHz
VCOM
Differential input common mode voltage
0.5
V
VI(DPP)
Differential input peak-to-peak voltage
800
2000
mV
ZT
Internal termination
100
Ω
CL
Input capacitance
2
pF
Duty cycle (DACCLK only)
40%
60%
LVDS OUTPUT: SYNC0+/-, SYNC1+/-
VCOM
Output common mode voltage
1.2
V
ZT
Internal termination
100
Ω
VOD
Differential output voltage swing
500
mV
CML OUTPUT: CLKTX+/-
VOD
CML OUTPUT: CLKTX+/-
1300
mV
CMOS INTERFACE: SDEN, SCLK, SDIO, SDO, TXENABLE, ALARM, RESET, SLEEP, TMS, TCLK, TDI, TDO, TRST, TESTMODE, SYNCSE1,
SYNCSE2
VIH
High-level input voltage
0.7 x VDDIO
V
VIL
Low-level input voltage
0.3 x VDDIO
V
IIH
High-level input current
–40
40
µA
IIL
Low-level input current
–40
40
µA
CI
CMOS input capacitance
2
pF
VOH
High-level output voltage
ILOAD = –100 µA
VDDIO – 0.2
V
ILOAD = –2 mA
0.8 x VDDIO
VOL
Low-level output voltage
ILOAD = 100 µA
0.2
V
ILOAD = 2 mA
0.5
LATENCY
RX SerDes Digital Delay
full rate, RATE = “00”
34
UI
half rate, RATE = “01”
29
quarter rate, RATE = “10”
26.5
eighth rate, RATE = “11”
26.25
SerDes output to JED204B elastic buffer
input latency
21 - 39
JESD
clock
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com