Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF86 Datasheet(PDF) 49 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 45Page - Texas Instruments DAC38RF86 Datasheet HTML 46Page - Texas Instruments DAC38RF86 Datasheet HTML 47Page - Texas Instruments DAC38RF86 Datasheet HTML 48Page - Texas Instruments DAC38RF86 Datasheet HTML 49Page - Texas Instruments DAC38RF86 Datasheet HTML 50Page - Texas Instruments DAC38RF86 Datasheet HTML 51Page - Texas Instruments DAC38RF86 Datasheet HTML 52Page - Texas Instruments DAC38RF86 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 147 page
background image
49
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
www.ti.com
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3.16 JESD204B Pattern Test
The DAC38RFxx supports the following test patterns for JESD204B:
•
Link layer test pattern by setting field JESD_TEST_SEQ in register JESD_LN_EN (8.5.45) and monitoring the
lane alarms (1 = fail, 0 = pass)
–
Verify repeating /D.21.5/ high frequency pattern for random jitter (RJ)
–
Verify repeating /K.28.5/ mixed frequency pattern for deterministic jitter (DJ)
–
Verify repeating initial lane alignment (ILA) sequence
•
RPAT, JSPAT or JTSPAT pattern can be verified using errors counter of 8b/10b errors produced over an
amount of time to get an estimate of BER.
•
Transport layer test pattern: implements a short transport layer pattern check based on F = 1, 2, 4 or 8. The
short test pattern has a duration of one frame period and is repeated continuously for the duration of the test.
Each sample has a unique value that can be identified with the position of the sample in the user data format.
The sample values are such that correct sample values will never be decoded at the receiver if there is a
mismatch between the mapping formats being used at the transmitter and receiver devices. This can
generally be accomplished by ensuring there are no repeating sub patterns within the stream of samples
being transmitted. Refer to the JESD204B standard section 5.1.6 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com