Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC38RF86 Datasheet(PDF) 65 Page - Texas Instruments

Part # DAC38RF86
Description  DAC38RFxx Dual-Channel, Single-Ended, 14-Bit, 6- and 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip GSM PLL
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF86 Datasheet(HTML) 65 Page - Texas Instruments

Back Button DAC38RF86 Datasheet HTML 61Page - Texas Instruments DAC38RF86 Datasheet HTML 62Page - Texas Instruments DAC38RF86 Datasheet HTML 63Page - Texas Instruments DAC38RF86 Datasheet HTML 64Page - Texas Instruments DAC38RF86 Datasheet HTML 65Page - Texas Instruments DAC38RF86 Datasheet HTML 66Page - Texas Instruments DAC38RF86 Datasheet HTML 67Page - Texas Instruments DAC38RF86 Datasheet HTML 68Page - Texas Instruments DAC38RF86 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 147 page
background image
Fmax
min
PFD CP
Fvco
Fixed
div x Mdiv
_
/
_
÷N
PFD and Charge
pump
Output
buffer
÷4
÷M
PLL_M(7-0)
PLL_N(4-0)
VCO
VCO
DAC CLK
65
DAC38RF86, DAC38RF96
DAC38RF87, DAC38RF97
www.ti.com
SLASEF4B – FEBRUARY 2017 – REVISED JULY 2017
Product Folder Links: DAC38RF86 DAC38RF96 DAC38RF87 DAC38RF97
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 57. Internal PLL/VCO Block Diagram
The two parallel VCOs are tuned to a target center frequency of 5.9 GHz (low VCO) in DAC38RF87 and
DAC38RF97. They are tuned to a target center frequency of 8.85 GHz (high VCO) in DAC38RF86 and
DAC38RF96. The field PLL_VCOSEL in register PLL_CONFIG2 (8.5.81)must always be set to 0 in
DAC38RF87/97 and always set to '1' in DAC38RF86/96/88/81. Also GSMPLL_ENA in register PLL_CONFIG2
must always be set to '1' in all devices to ensure the two identical VCOs are connected in parallel. The 7 bit VCO
tuning code in field PLL_VCO in register PLL_CONFIG2 is used to tune the VCO frequency in the range of 5.24
GHz to 6.72 GHz for the low VCO and 7.96 GHz to 9.0 GHz for the high VCO. For the low VCO the center VCO
frequency is achieved with PLL_VCO = 63decimal and for the high VCO the target VCO center frequency is also
achieved with PLL_VCO = 63decimal.
The supply current, and therefore; the analog signal amplitude in the VCO is controlled using the field
PLL_VCO_RDAC in register PLL_CONFIG1 (8.5.80). This control signal should be set 15decimal initially for 18 mA
supply current in the VCO and ~1.4 VPP single ended oscillation amplitude.
The PLL has no prescaler, so the DAC sample rate is the VCO frequency. In the PLL feedback path a fixed ÷ 4
frequency divider block receives the VCO output clock and divides its frequency by 4. The maximum operating
frequency of the phase-frequency detector (PFD) is approximately 550 MHz. The M (feedback) clock divider
takes the output clock signal from the fixed ÷4 block and divides it by a programmable ratio set by the 8-bit field
in field PLL_M_M1 in register PLL_CONFIG1 (8.5.80). The programmable division ratio range is ÷1 to ÷256, and
is the value of the 8 bit unsigned binary code + 1. Although it is possible to program the M divider to ÷1, ÷2 and
÷3, these values should not be used. As stated previously the PFD and CP have a finite maximum operating
frequency, which is the VCO frequency divided by the fixed divider ratio multiplied by the minimum allowable M
divider ratio.
(14)
The N (reference) divider determines the ratio between the input reference clock frequency and the PFD
operating frequency, and is set by the 5-bit field PLL_N_M1 in register CLK_PLL_CFG (8.5.79). The division ratio
range is ÷1 to ÷32, and is the value of the 5-bit unsigned binary code + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com