Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3704 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT3704
Description  12V Linear-Mode Battery Charger for Li/Li-polymer Cells
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3704 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT3704 Datasheet HTML 1Page - Active-Semi, Inc ACT3704 Datasheet HTML 2Page - Active-Semi, Inc ACT3704 Datasheet HTML 3Page - Active-Semi, Inc ACT3704 Datasheet HTML 4Page - Active-Semi, Inc ACT3704 Datasheet HTML 5Page - Active-Semi, Inc ACT3704 Datasheet HTML 6Page - Active-Semi, Inc ACT3704 Datasheet HTML 7Page - Active-Semi, Inc ACT3704 Datasheet HTML 8Page - Active-Semi, Inc ACT3704 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ACT3704
Rev2, 26-Jul-07
Innovative Products. Active Solutions.
- 2 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT3704YH
-40°C to 85°C
SOP-8/EP
8
TUBE
ACT3704YH-T
-40°C to 85°C
SOP-8/EP
8
TAPE & REEL
ACT3704NH-T
-40°C to 85°C
TDFN33-8
8
TAPE & REEL
PIN DESCRIPTIONS
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
nEOC
Open-Drain Charge Status Indicator. nEOC is a high voltage output and can with-
stand up to 12V, allowing it to drive LEDs that are directly connected to IN or to a
lower voltage supply. nEOC features an internal 7mA current limit, allowing this
pin to directly drive an LED for a visual charge-status indicator. For a logic-level
charge status indicator, simply connect a 10kΩ or greater pull-up resistor between
nEOC and a suitable voltage supply.
2
ADJ
Charge Termination Voltage Adjust. Connect ADJ to G to select 4.10V termination
voltage or connect ADJ to IN to select 4.20V termination voltage.
3
IN
Power Input. IN can be withstand operating voltages of up to 12V. Bypass to G
with a 1µF or larger capacitor.
4
ISET
Charge Current Set. Program the maximum charge current by connecting a resis-
tor (RISET) between ISET and G. See the Charge Current Programming section for
more information.
5
TIMER
Safety Timer program pin. Connect to capacitor CTIMER.
6
BAT
Charge Battery Output. Connect this pin to the positive terminal of the battery.
Bypass this pin as close as possible to IC with 1µF ceramic capacitor.
7
G
Ground.
8
nSTAT
Open-Drain Charge Status Indicator. nSTAT can withstand up to 12V, allowing it
to drive LEDs that are directly connected to IN or to a lower voltage supply,
nSTAT features an internal 7mA current limit, allowing this pin to directly drive an
LED for a visual charge-status indicator. For a logic-level charge status indicator,
simply connect a 10kΩ or greater pullup resistor between nSTAT and a suitable
voltage supply.
EP
EP
Exposed Pad. The exposed thermal pad should be connected to board ground
plane and G. The ground plane should include a large exposed copper pad under
the package to connect the entire pad for thermal dissipation (see package out-
line).
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com