Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3704 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT3704
Description  12V Linear-Mode Battery Charger for Li/Li-polymer Cells
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3704 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT3704 Datasheet HTML 1Page - Active-Semi, Inc ACT3704 Datasheet HTML 2Page - Active-Semi, Inc ACT3704 Datasheet HTML 3Page - Active-Semi, Inc ACT3704 Datasheet HTML 4Page - Active-Semi, Inc ACT3704 Datasheet HTML 5Page - Active-Semi, Inc ACT3704 Datasheet HTML 6Page - Active-Semi, Inc ACT3704 Datasheet HTML 7Page - Active-Semi, Inc ACT3704 Datasheet HTML 8Page - Active-Semi, Inc ACT3704 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ACT3704
Rev2, 26-Jul-07
Innovative Products. Active Solutions.
- 4 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
PARAMETER
CONDITIONS
MIN
TYP
MAX UNIT
nSTAT, nEOC Outputs
Sink Current
VnSTAT = VnEOC = 2V
4
7
10
mA
Output Low Voltage
ISINK = 1mA
0.4
V
Leakage Current
VnSTAT = VnEOC = 12V
1
µA
Charge Current Setting
ISET Pin Voltage
1.15
1.20
1.25
V
IBAT to ISET Current Ratio
22
kA/A
Charge Timers
TIMER Frequency
TIMER Floating
0.8
1.5
2.2
kHz
POR Start Delay
1
ms
Transition Out of Preconditioning Delay
0.1
ms
Current Rise Time Out of Preconditioning
300
µs
Normal Safety Timer
CTIMER = 2.2nF
0.5
hr
Precondition Safety Timer
CTIMER = 2.2nF
20
mins
Total Safety Timer
CTIMER = 2.2nF
1
hr
Time to End of Charge
CTIMER = 2.2nF
10
mins
ELECTRICAL CHARACTERISTICS CONT’D
(VIN = VTERM + 1V, VBAT = 3.6V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com