Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3704 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT3704
Description  12V Linear-Mode Battery Charger for Li/Li-polymer Cells
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3704 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT3704 Datasheet HTML 1Page - Active-Semi, Inc ACT3704 Datasheet HTML 2Page - Active-Semi, Inc ACT3704 Datasheet HTML 3Page - Active-Semi, Inc ACT3704 Datasheet HTML 4Page - Active-Semi, Inc ACT3704 Datasheet HTML 5Page - Active-Semi, Inc ACT3704 Datasheet HTML 6Page - Active-Semi, Inc ACT3704 Datasheet HTML 7Page - Active-Semi, Inc ACT3704 Datasheet HTML 8Page - Active-Semi, Inc ACT3704 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ACT3704
Rev2, 26-Jul-07
Innovative Products. Active Solutions.
- 3 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.
(VIN = VTERM + 1V, VBAT = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply Voltage, VIN
4.2
12
V
ADJ = G
4.079
4.1
4.121
V
TA = -40°C to 85°C
4.059
4.141
ADJ = IN
4.179
4.2
4.221
TA = -40°C to 85°C
4.158
4.242
Line Regulation
VIN = VTERM + 1V to 12V, IBAT = 10mA
0.03
0.1
%/V
Load Regulation
VIN = VTERM + 1V, IBAT = 10mA to 250mA
0.05
0.1
%
Precondition Threshold
2.55
2.75
2.95
V
Precondition Threshold Hysteresis
125
mV
Constant Current Adjust Range
100
1000
mA
Fast Charge Constant Current
VBAT = 3.8V, RISET = 50k
0.45
0.51
0.57
A
Precondition Charge Current
VBAT = 2.5V, RISET = 50k
51
mA
End-of-Charge Threshold
RISET = 50k
51
mA
Charge Restart Threshold
VBAT Falling
VTERM - 0.1
V
PMOS On Resistance
VBAT = 3.8V, IBAT = 100mA
0.7
1.2
Ω
UVLO Threshold
IN Rising
3.8
4.0
4.2
V
UVLO Hysteresis
IN Falling
1
V
BAT Reserve Leakage Current
Input floating or charger disabled
0.4
4
µA
IN Supply Current
Charger Standby
500
800
µA
IN Supply Current
Charger Enable
0.7
2
mA
ADJ Voltage Threshold
1.7
V
Battery Termination Voltage,
VTERM
Thermal Regulation Threshold
120
°C
PARAMETER
VALUE
UNIT
IN, ADJ, nSTAT, nEOC to G
-0.3 to 15
V
BAT to G
-0.3 to 7
V
ISET, TIMER to G
-0.3 to 6
V
ISET, TIMER Current
±5
mA
Junction to Ambient Thermal
Resistance (θJA)
SOP-8/EP
45
°C/W
TDFN33-8
36.7
°C/W
Maximum Power Dissipation
SOP-8/EP
1.8
W
TDFN33-8
2
W
Maximum Junction Temperature
125
°C
Storage Temperature
-65 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com