Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3704 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT3704
Description  12V Linear-Mode Battery Charger for Li/Li-polymer Cells
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3704 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT3704 Datasheet HTML 5Page - Active-Semi, Inc ACT3704 Datasheet HTML 6Page - Active-Semi, Inc ACT3704 Datasheet HTML 7Page - Active-Semi, Inc ACT3704 Datasheet HTML 8Page - Active-Semi, Inc ACT3704 Datasheet HTML 9Page - Active-Semi, Inc ACT3704 Datasheet HTML 10Page - Active-Semi, Inc ACT3704 Datasheet HTML 11Page - Active-Semi, Inc ACT3704 Datasheet HTML 12Page - Active-Semi, Inc ACT3704 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ACT3704
Rev2, 26-Jul-07
Innovative Products. Active Solutions.
- 9 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
()
JA
BAT
BAT
IN
A
I
V
-
V
-
C
120
T
θ
×
×
°
=
() (
)
C
45
mA
700
3.4V
-
5V
-
C
120
T
A
°
×
×
°
=
C
6
.
69
T
A
°
=
()
()
A
/
C
72
C
50
W
/
C
45
3.4V
-
V
5
C
70
-
C
120
I
BAT
°
°
=
°
×
°
°
=
mA
694
T
A =
(4)
(5)
(6)
(7)
Example: The ACT3704 is operating from a 5V wall
adapter and is programmed to supply 700mA fast
charge current to a discharged Li-Ion battery with a
voltage of 3.4V. Assuming θJA is 45°C/W, the ambi-
ent temperature at which the device will begin to
reduce the charge current is approximately:
The ACT3704 can be used above 69.6°C ambient,
but the charge current will be reduced from 700mA.
The approximate current at a given ambient tem-
perature can be approximated by:
Using the previous example with an ambient tem-
perature of 70°C, the charge current will be reduced
to approximately:
ACT3704 applications do not need to be designed
for worst-case thermal conditions, since the part will
automatically reduce power dissipation if the ther-
mal regulation threshold of approximately 120°C is
reached.
However, in order to deliver maximum charge cur-
rent under all conditions, it is critical that the ex-
posed metal pad on the backside of the package
exposed pad (EP) is soldered directly to the PC
board ground. Correctly soldered to a double sided
1oz copper board, the ACT3704 has a thermal re-
sistance of approximately 45°C/W with SOP8 and
36.7°C/W with TDFN33-8. Failure to make thermal
contact between the exposed pad on the backside
pf the package and the copper board will result in
thermal resistances far greater than 45°C/W with
SOP8 and 36.7°C/W with TDFN33-8. For example,
a correctly soldered ACT3704 can deliver up to
()
()
JA
BAT
IN
A
BAT
V
V
T
C
120
I
θ
×
−
−
°
=
C
4
.
50
C
120
C
45
W
12
.
1
C
120
T
A
°
−
°
=
°
×
−
°
=
JA
D
A
P
C
120
T
θ
×
−
°
=
1000mA to a battery from a 5V supply at 25°C.
Without a good backside thermal connection, this
number could drop to less than 500mA.
State Machine
Precondition State
A new charging cycle begins with the PRECONDI-
TION state, and operation continues in this state
until VBAT exceeds the Precondition Threshold Volt-
age of 2.8V.
When operating in PRECONDITION state, the cell
is charged at a reduced current given by:
Which is 10% of the programmed maximum fast-
charge constant current, IBAT.
Once VBAT reaches the Precondition Threshold Volt-
age the state machine jumps to the NORMAL state.
If VBAT does not reach the Precondition Threshold
Voltage before the Precondition Timeout period
(TPRECONDITION) expires, then a damaged cell is de-
tected and the state machine jumps to the TIME-
OUT-FAULT State. The Precondition Timeout pe-
riod is default to 20mins with an external 2.2nF
CTIMER capacitor, or it can be increased with a larger
value capacitor. See the Safely Timers section for
more information.
Normal State
Normal state is made up of two operating modes,
fast charge Constant-Current (CC) and Constant-
Voltage (CV).
In CC mode, the ACT3704 charges at the current
programmed by RISET (see the Charge Current Pro-
gramming section for more information). During a
normal charge cycle fast-charge continues in CC
mode until VBAT reaches the charge termination volt-
age (VTERM), at which point the ACT3704 charges in
CV mode. Charging continues in CV mode until the
charge current drops to 10% of the programmed
maximum charge current (IBAT), at which point the
state machine jumps to the TOP-OFF state.
If VBAT does not proceed out of the NORMAL state
before the Normal Timeout period (TNORMAL) expires,
then a damaged cell is detected and the state ma-
chine jumps to the TIMEOUT-FAULT State.
The Normal Timeout period is default to 30mins, or
it can be increased with an external 2.2nF CTIMER
capacitor or can be changed with a larger value
external capacitor. See the Safety Times section for
more information.
ture at which the thermal regulation begins to pro-
tect the IC is given by :
(8)
(
)
ISET
ISET
ON
PRECONDITI
R
/
V
200
.
2
I
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com