Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT3704 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT3704
Description  12V Linear-Mode Battery Charger for Li/Li-polymer Cells
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT3704 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT3704 Datasheet HTML 7Page - Active-Semi, Inc ACT3704 Datasheet HTML 8Page - Active-Semi, Inc ACT3704 Datasheet HTML 9Page - Active-Semi, Inc ACT3704 Datasheet HTML 10Page - Active-Semi, Inc ACT3704 Datasheet HTML 11Page - Active-Semi, Inc ACT3704 Datasheet HTML 12Page - Active-Semi, Inc ACT3704 Datasheet HTML 13Page - Active-Semi, Inc ACT3704 Datasheet HTML 14Page - Active-Semi, Inc ACT3704 Datasheet HTML 15Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ACT3704
Rev2, 26-Jul-07
Innovative Products. Active Solutions.
- 12 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
STATUS AND EOC INDICATORS
Table 3:
nSTAT and nEOC Indicator States
STATE
nSTAT
nEOC
SHUTDOWN
OFF
OFF
PRECONDITION
ON
OFF
NORMAL
ON
OFF
TOPOFF
ON
OFF
END OF CHARGE
OFF
ON
TIMEOUT FAULT
OFF
OFF
DELAY TIME TO EOC
OFF
ON
Figure 1:
Typical Li+ Charge Profile and ACT3704 Charge States
VTERM
IBAT
VPRECONDITION
IPRECONDITION, IEOC
A
B
C
D
4.20V
510mA
2.75V
51mA
A: PRECONDITION State
B: NORMAL State
C: TOP-OFF State
D: END OF CHARGE State
Current
Voltage
STATE
TEOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com