Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP460 Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRFP460
Description  N - CHANNEL 500V - 0.22 ohm - 20 A - TO-247 PowerMESH] MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRFP460 Datasheet(HTML) 1 Page - STMicroelectronics

  IRFP460 Datasheet HTML 1Page - STMicroelectronics IRFP460 Datasheet HTML 2Page - STMicroelectronics IRFP460 Datasheet HTML 3Page - STMicroelectronics IRFP460 Datasheet HTML 4Page - STMicroelectronics IRFP460 Datasheet HTML 5Page - STMicroelectronics IRFP460 Datasheet HTML 6Page - STMicroelectronics IRFP460 Datasheet HTML 7Page - STMicroelectronics IRFP460 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP460
N - CHANNEL 500V - 0.22
Ω - 20 A - TO-247
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 0.22
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
This power MOSFET is designed using the
company’s consolidated strip layout-based MESH
OVERLAY
™ process. This technology matches
and improves the performances compared with
standard parts from various sources.
APPLICATIONS
s
HIGH CURRENT SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY (UPS)
s
DC/DC COVERTERS FOR TELECOM,
INDUSTRIAL, AND LIGHTING EQUIPMENT.
®
INTERNAL SCHEMATIC DIAGRAM
September 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
500
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
500
V
VGS
G ate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC20
A
ID
Drain Current (continuous) at Tc =100
oC13
A
IDM (
•)
Drain Current (pulsed)
80
A
Ptot
T otal Dissipation at Tc =25
oC250
W
Derating Factor
2
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
3.5
V/ns
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤20 Α, di/dt ≤ 160 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
IRFP460
500 V
< 0. 27
Ω
20 A
1
2
3
TO-247
1/8


Similar Part No. - IRFP460

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRFP460 PHILIPS-IRFP460 Datasheet
94Kb / 7P
PowerMOS transistors Avalanche energy rated
September 1999 Rev 1.000
logo
Intersil Corporation
IRFP460 INTERSIL-IRFP460 Datasheet
55Kb / 7P
20A, 500V, 0.270 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
logo
IXYS Corporation
IRFP460 IXYS-IRFP460 Datasheet
77Kb / 4P
MegaMOS - Power MOSFET
logo
Vishay Siliconix
IRFP460 VISHAY-IRFP460 Datasheet
135Kb / 8P
Power MOSFET
28-Jul-08
More results

Similar Description - IRFP460

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
STD4NC50 STMICROELECTRONICS-STD4NC50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 1.3 ohm - 3.7 A TO-251 PowerMESH MOSFET
Sep-1999
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
May-2000
STW14NB50 STMICROELECTRONICS-STW14NB50 Datasheet
50Kb / 5P
N-CHANNEL 500V - 0.40 ohm - 14A - TO-247 PowerMESH MOSFET
Apr-1999
STW20NB50 STMICROELECTRONICS-STW20NB50 Datasheet
86Kb / 8P
N - CHANNEL 500V - 0.22ohm - 20A - TO-247 PowerMESH MOSFET
Oct-1999
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh™ I MOSFET
May-2001
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh™ MOSFET
Jul-2001
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
May-2001
STW34NB20 STMICROELECTRONICS-STW34NB20_04 Datasheet
232Kb / 10P
N-CHANNEL 200V - 0.062 OHM - 34A TO-247 PowerMESH MOSFET
14-Apr-2004
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com