Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72016 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # TH72016
Description  433MHz FSK/ASK Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button TH72016 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TH72016
433MHz
FSK/ASK Transmitter
39010 72016
Page 6 of 16
Data Sheet
Rev. 006
June/07
2.8
Mode Control Logic
The mode control logic allows two different
modes of operation as listed in the following
table. The mode control pin EN is pulled-down
internally. This guarantees that the whole circuit
is shut down if this pin is left floating.
EN
Mode
Description
0
TX standby
TX disabled
1
TX active
CKOUT active
TX / CKOUT
enabled
2.9
Clock Output
The clock output CKOUT is CMOS-compatible and can be used to drive a microcontroller. The frequency of
the clock can be changed by the clock divider control signal CKDIV, that can be selected according to the
following table. A capacitor at pin CKOUT can be used to control the clock voltage swing and the spurious
emission.
CKDIV
Clock divider ratio
Clock frequency / fc=433.92MHz
0
4
3.39MHz
1
16
848kHz
2.10 Timing Diagrams
After enabling the transmitter by the EN signal, the power amplifier remains inactive for the time ton, the
transmitter start-up time. The crystal oscillator starts oscillation and the PLL locks to the desired output fre-
quency within the time duration ton. After successful PLL lock, the LOCK signal turns on the power amplifier,
and then the RF carrier can be FSK or ASK modulated.
Fig. 5:
Timing diagrams for FSK and ASK modulation
RF carrier
low
low
high
high
LOCK
FSKDTA
t
low
high
EN
t on
EN
low
low
high
high
LOCK
PSEL
t
low
high
t on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com