Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72016 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72016
Description  433MHz FSK/ASK Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72016 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TH72016
433MHz
FSK/ASK Transmitter
39010 72016
Page 1 of 16
Data Sheet
Rev. 006
June/07
EN
top
TH72016
OUT
VEE
VCC
CKDIV
PSEL
FSKDTA
FSKSW
ROI
CKOUT
bottom
2
1
3
4
5
9
10
8
7
6
Features
! Fully integrated PLL-stabilized VCO
! Frequency range from 380 MHz to 450 MHz
! Single-ended RF output
! FSK through crystal pulling allows modulation
from DC to 40 kbit/s
! High FSK deviation possible for wideband data
transmission
! ASK achieved by on/off keying of internal
power amplifier up to 40 kbit/s
! Wide power supply range from 1.95 V to 5.5 V
! Very low standby current
! Microcontroller clock output
! On-chip low voltage detector
! High over-all frequency accuracy
! FSK deviation and center frequency
independently adjustable
! Adjustable output power range from
-12 dBm to +10 dBm
! Adjustable current consumption from
3.8 mA to 11.0 mA
! Conforms to EN 300 220 and similar standards
! 10-pin Quad Flat No-Lead Package (QFN)
Ordering Information
Part Number
Temperature Code
Package Code
Delivery Form
TH72016
K (-40 °C to 125 °C)
LD (10L QFN 3x3 Dual)
120 pc/tray
5000 pc/T&R
Application Examples
Pin Description
! General digital data transmission
! Tire Pressure Monitoring Systems (TPMS)
! Remote Keyless Entry (RKE)
! Wireless access control
! Alarm and security systems
! Garage door openers
! Remote Controls
! Home and building automation
! Low-power telemetry systems
General Description
The TH72016 FSK/ASK transmitter IC is designed for applications in the European 433 MHz industrial-
scientific-medical (ISM) band, according to the EN 300 220 telecommunications standard; but it can also be
used in other countries with similar standards, e.g. FCC part 15.231.
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The inte-
grated PLL synthesizer ensures that carrier frequencies, ranging from 380 MHz to 450 MHz, can be
achieved. This is done by using a crystal with a reference frequency according to: fref = fc/N, where N = 32 is
the PLL feedback divider ratio.
A clock signal with selectable frequency is provided. It can be used to drive a microcontroller.


Similar Part No. - TH72016

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72016 MELEXIS-TH72016 Datasheet
375Kb / 15P
FSK/ASK Transmitter
TH72016 MELEXIS-TH72016 Datasheet
885Kb / 16P
433MHz FSK/ASK Transmitter
TH72016KLD-CAA-000-RE MELEXIS-TH72016KLD-CAA-000-RE Datasheet
375Kb / 15P
FSK/ASK Transmitter
TH72016KLD-CAA-000-TU MELEXIS-TH72016KLD-CAA-000-TU Datasheet
375Kb / 15P
FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
FSK/ASK Transmitter
More results

Similar Description - TH72016

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
433MHz FSK/ASK Transmitter Evaluation Board Description
TH72015 MELEXIS-TH72015 Datasheet
559Kb / 20P
433MHz FSK/ASK Transmitter
TH72012 MELEXIS-TH72012 Datasheet
517Kb / 20P
433MHz ASK Transmitter
TH72011 MELEXIS-TH72011 Datasheet
529Kb / 20P
433MHz FSK Transmitter
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
433MHz FSK/ASK Transmitter
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
315/433MHz FSK/FM/ASK Transmitter
TH72011 MELEXIS-TH72011_17 Datasheet
1Mb / 21P
433MHz FSK Transmitter
TH72015 MELEXIS-TH72015_17 Datasheet
1Mb / 21P
433MHz FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_17 Datasheet
885Kb / 16P
433MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com