Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72016 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # TH72016
Description  433MHz FSK/ASK Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  TH72016 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TH72016
433MHz
FSK/ASK Transmitter
39010 72016
Page 2 of 16
Data Sheet
Rev. 006
June/07
Document Content
1
Theory of Operation ...................................................................................................3
1.1
General ............................................................................................................................. 3
1.2
Block Diagram .................................................................................................................. 3
2
Functional Description ..............................................................................................3
2.1
Crystal Oscillator .............................................................................................................. 3
2.2
FSK Modulation ................................................................................................................ 4
2.3
Crystal Pulling................................................................................................................... 4
2.4
ASK Modulation ................................................................................................................ 5
2.5
Output Power Selection .................................................................................................... 5
2.6
Lock Detection .................................................................................................................. 5
2.7
Low Voltage Detection...................................................................................................... 5
2.8
Mode Control Logic .......................................................................................................... 6
2.9
Clock Output ..................................................................................................................... 6
2.10
Timing Diagrams .............................................................................................................. 6
3
Pin Definition and Description ..................................................................................7
4
Electrical Characteristics ..........................................................................................8
4.1
Absolute Maximum Ratings .............................................................................................. 8
4.2
Normal Operating Conditions ........................................................................................... 8
4.3
Crystal Parameters ........................................................................................................... 8
4.4
DC Characteristics............................................................................................................ 9
4.5
AC Characteristics .......................................................................................................... 10
4.6
Output Power Steps – FSK Mode .................................................................................. 11
4.7
Output Power Steps – ASK Mode .................................................................................. 11
5
Test Circuit ...............................................................................................................12
5.1
Test circuit component list to Fig. 6 ................................................................................ 12
6
Package Description ................................................................................................13
6.1
Soldering Information ..................................................................................................... 13
6.2
Recommended PCB Footprints ...................................................................................... 13
7
Reliability Information..............................................................................................14
8
ESD Precautions ......................................................................................................14
9
Disclaimer .................................................................................................................16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com