Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72016 Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

Part # TH72016
Description  433MHz FSK/ASK Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016 Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button TH72016 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 10Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 11Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 12Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 13Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 14Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TH72016
433MHz
FSK/ASK Transmitter
39010 72016
Page 11 of 16
Data Sheet
Rev. 006
June/07
RPS
R1
6
PSEL
RPS
R1
Vcc
6
PSEL
V
PSlow
V
PShigh
4.6
Output Power Steps – FSK Mode
Power step
0
1
2
3
4
RPS / k
Ω
< 3
22
56
120
not connected
4.7
Output Power Steps – ASK Mode
typical values at TA = 23 °C and VCC = 3 V; test circuit shown in Fig. 6
Power step
1
2
3
4
RPS / k
Ω
2.4
2.8
3.5
not connected
R1 / k
Ω
36
14
7
0
VPSlow = voltage across RPS if ASK_DTA at 0V
VPShigh = voltage across RPS if ASK_DTA at Vcc
If the transmitter is operated at any supply voltage Vcc, the values for R1 and RPS can be calculated as fol-
lows:
PShigh
PSEL
PSlow
CC
V
I
V
V
R
⋅
⋅
=
1
PShigh
CC
PShigh
PS
V
V
V
R
R
−
=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com