Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72016 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # TH72016
Description  433MHz FSK/ASK Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button TH72016 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 10Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TH72016
433MHz
FSK/ASK Transmitter
39010 72016
Page 7 of 16
Data Sheet
Rev. 006
June/07
3
Pin Definition and Description
Pin No.
Name
I/O Type
Functional Schematic
Description
1
FSKDTA
input
1
1.5k
Ω
0: ENTX=1
1: ENTX=0
FSKDTA
FSK data input,
CMOS compatible with in-
ternal pull-up circuit
TX standby: no pull-up
TX active: pull-up
2
FSKSW
analog I/O
FSKSW
2
XOSC FSK pulling pin,
MOS switch
3
ROI
analog I/O
ROI
3
36p
36p
25k
XOSC connection to XTAL,
Colpitts type crystal oscilla-
tor
4
EN
input
EN
4
1.5k
Ω
mode control input,
CMOS-compatible with in-
ternal pull-down circuit
5
CKOUT
output
5
CKOUT
400
Ω
clock output,
CMOS-compatible
6
PSEL
analog I/O
PSEL
6
1.5k
Ω
8µA
power select input, high-
impedance comparator logic
TX standby: IPSEL = 0
TX active: IPSEL = 8µA
7
CKDIV
input
7
1.5k
Ω
CKDIV
0: ENTX=0
1: ENTX=1
clock divider control input,
CMOS compatible with
internal pull-down circuit
TX standby: no pull-down
TX active: pull-down
8
OUT
output
OUT
8
VEE
VCC
VEE
power amplifier output,
open collector
9
VEE
ground
negative power supply
10
VCC
supply
positive power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com