Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS0021 Datasheet(PDF) 4 Page - Power IC Ltd.

Part # PS0021
Description  High Efficiency PFM Step-up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS0021 Datasheet(HTML) 4 Page - Power IC Ltd.

  PS0021 Datasheet HTML 1Page - Power IC Ltd. PS0021 Datasheet HTML 2Page - Power IC Ltd. PS0021 Datasheet HTML 3Page - Power IC Ltd. PS0021 Datasheet HTML 4Page - Power IC Ltd. PS0021 Datasheet HTML 5Page - Power IC Ltd. PS0021 Datasheet HTML 6Page - Power IC Ltd. PS0021 Datasheet HTML 7Page - Power IC Ltd. PS0021 Datasheet HTML 8Page - Power IC Ltd. PS0021 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PS0021
ELECTRICAL CHARACTERISTICS
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
4
( VBATT = 1.2V, VOUT = 3.3V, VOUT = VOUT (NOM), SHDN = OUT, RL = ∞, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at T = +25°C.)
A
Unit
Parameter
Symbol
Conditions
Min
Typ
Max
Operating Input
Voltage
V
( Note 2 )
5.5
V
IN
Output Voltage
variation
V
3.2
3.3
3.4
V
OUT
Minimum Startup
Input Voltage
RL= 30kΩ
0.9
V
Hold on Voltage
1 mA load
0.7
V
Switch leakage
5
nA
N-Channel
Measured from SW pin voltage and
1.4
Ω
RDS(ON)
On-Resistance
inductor current during SW on time
Maximum
oscillating freq
V
forced = V
(NOM) * 0.95
80
100
120
KHz
OUT
OUT
FOSC
Duty ratio
D
V
forced = V
(NOM) * 0.95
65
75
85
%
MAX
OUT
OUT
Efficiency
Eff
85
%
5
µA
Quiescent
Current into OUT
V = V
IN
OUT +0.5V measurement of the IC
input current(V
pin) (Notes 3, 4)
OUT
(no switching)
Quiescent
Current into OUT
V
forced = V
(NOM) * 0.95
25
µA
OUT
OUT
Shutdown
Current into OUT
(Notes 4) En= 0V
1
µA
1.2
VIL
SHDN Voltage
Threshold
VIH
0.4
mV
SHDN Input Bias
V
= 5.5V
1.1
nA
SHDN
current
Low Battery Detector
LBI voltage threshold
V
forced = V
(NOM)*1.05
665
670
675
mV
OUT
OUT
LBI input hysteresis
V
forced = V
(NOM)*1.05
15
18
22
mV
OUT
OUT
LBI input current
V
forced = V
(NOM)*1.05
0.02
nA
OUT
OUT
LBO output low voltage
Force 20mA into LBO
0.45
0.50
0.6
V
LBO output leakage current
LBO= 6.0V
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com