Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS0021 Datasheet(PDF) 3 Page - Power IC Ltd.

Part # PS0021
Description  High Efficiency PFM Step-up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS0021 Datasheet(HTML) 3 Page - Power IC Ltd.

  PS0021 Datasheet HTML 1Page - Power IC Ltd. PS0021 Datasheet HTML 2Page - Power IC Ltd. PS0021 Datasheet HTML 3Page - Power IC Ltd. PS0021 Datasheet HTML 4Page - Power IC Ltd. PS0021 Datasheet HTML 5Page - Power IC Ltd. PS0021 Datasheet HTML 6Page - Power IC Ltd. PS0021 Datasheet HTML 7Page - Power IC Ltd. PS0021 Datasheet HTML 8Page - Power IC Ltd. PS0021 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PS0021
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
OUT, SHDN, BATT, SW to GND ………………………………………………………………………..................... -0.3V to +6V
FB to GND ……………………………………………………………………………………………………….. -0.3V to (VOUT + 0.3V)
OUT, SW Current ………………………………………………………........................................................................1A
Continuous Power Dissipation (TA = +70°C)
6-Pin Thin SOT26 (derate 7.1mW/°C above +70°C) ……………………………………………………….……….....571mW
Operating Temperature Range …………………………………………………………….............................-40°C to +85°C
Junction Temperature …………………………………………………………........................................................+150°C
Storage Temperature Range ………………………………………………………….................................-65°C to +150°C
Lead Temperature (soldering, 10s) ……………………………………………………………………………………………. +300°C
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com