Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS0021 Datasheet(PDF) 10 Page - Power IC Ltd.

Part # PS0021
Description  High Efficiency PFM Step-up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS0021 Datasheet(HTML) 10 Page - Power IC Ltd.

Back Button PS0021 Datasheet HTML 4Page - Power IC Ltd. PS0021 Datasheet HTML 5Page - Power IC Ltd. PS0021 Datasheet HTML 6Page - Power IC Ltd. PS0021 Datasheet HTML 7Page - Power IC Ltd. PS0021 Datasheet HTML 8Page - Power IC Ltd. PS0021 Datasheet HTML 9Page - Power IC Ltd. PS0021 Datasheet HTML 10Page - Power IC Ltd. PS0021 Datasheet HTML 11Page - Power IC Ltd. PS0021 Datasheet HTML 12Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PS0021
Enable Input
Under Voltage Lockout
The PS0021 features an active-high CMOS input enable
pin (SHUTB) that allows on/off control of the regulator.
When SHUTB=Low, shutdown of the chip occurs and at
that time almost no quiescent current (<1µA) flows. The
output capacitor can be completely discharged through
the load or the feedback resistors for real output shut-
down. A discharge switch is internally connected between
VIN and SW. The Enable (SHUTB) input is TTL/CMOS
compatible. Connect SHUTB to VIN for normal operation.
When the supply becomes too low (typically below 1.8V),
the PS0021 produces an internal UVLO (Under Voltage
Lockout) signal that disables the normal PWM operation
and enables the start-up oscillator to run at a fixed
frequency. At this stage, very few circuits are operational.
When the oscillator raises the supply to above 1.9V, the
UVLO signal is disabled and the normal PWM mode takes
over the operation of the start-up oscillator. This
mechanism protects the chip from producing false logic
due to low input supply.
Track Mode
In track mode Vout follows Vin. Difference between Vout
and Vin is determined by the load current and the
schottky forward voltage drop at that current.
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com