Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS0021 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PS0021
Description  High Efficiency PFM Step-up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS0021 Datasheet(HTML) 1 Page - Power IC Ltd.

  PS0021 Datasheet HTML 1Page - Power IC Ltd. PS0021 Datasheet HTML 2Page - Power IC Ltd. PS0021 Datasheet HTML 3Page - Power IC Ltd. PS0021 Datasheet HTML 4Page - Power IC Ltd. PS0021 Datasheet HTML 5Page - Power IC Ltd. PS0021 Datasheet HTML 6Page - Power IC Ltd. PS0021 Datasheet HTML 7Page - Power IC Ltd. PS0021 Datasheet HTML 8Page - Power IC Ltd. PS0021 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PS0021
High Efficiency PFM Step-up
DC/DC Converter
DESCRIPTION
FEATURES
PFM control Asynchronous Booster
The PS0021 compact, high-efficiency, step-up DC-
DC converters are available in tiny, 3-pin thin
SOT23 and 6-pin thin SOT26 packages. They
feature an extremely low 5µA quiescent supply
current to ensure the highest possible light-load
efficiency. Optimized for operation from one to two
alkaline or nickel-metal-hydride (NiMH) cells, or a
single Li+ cell, these devices are ideal for
applications where extremely low quiescent current
and ultra-small size are critical.
Up to 90% Efficiency
Quiescent Supply Current: 5µA
Zero Shutdown current
Output Voltage Accuracy: ±1%
Fixed Output Voltage
Provides 20mA from single AAA cell
Input Voltage Range: 0.8V to 5.5V
Startup Voltage : 0.9V
3L SOT-23 and 6L SOT-26 Package
APPLICATIONS
The PS0021 also feature proprietary noise-
reduction
circuitry,
which
suppresses
electromagnetic interference (EMI) caused by the
inductor in many step-up applications. The family
offers different combinations of fixed outputs,
shutdown, and EMI reduction (see Selector Guide).
Wireless mice, keyboard
Pagers
Remote Controls
Wireless Headsets
Wireless Transmitters
Personal Medical Devices
Digital Still Cameras
Its unique design is optimized for high efficiency at
light load condition.
MP3/MP4 Players
Single-Cell Battery-Powered Devices
Low-Power Hand-Held Instruments
TYPICAL APPLICATION CIRCUIT
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
1


Similar Part No. - PS0021

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
PS0020-2.5 PICSEMI-PS0020-2.5 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
PS0020-2.8 PICSEMI-PS0020-2.8 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
PS0020-3.0 PICSEMI-PS0020-3.0 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
PS0020-3.3 PICSEMI-PS0020-3.3 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
More results

Similar Description - PS0021

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
High Efficiency PFM Step-up DC/DC Converter
logo
Stanson Technology
ST1638 STANSON-ST1638 Datasheet
98Kb / 7P
Step-Up DC/DC Converter High Efficiency PFM
logo
ELM Technology Corporat...
ELM9327AB-S ELM-TECH-ELM9327AB-S Datasheet
99Kb / 8P
CMOS High efficiency PFM step-up DC/DC converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ELM Electronics
ELM93 ELM-ELM93 Datasheet
1Mb / 8P
CMOS High efficiency PFM step-up DC/DC converter
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
High efficiency PFM step-up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
High efficiency PFM synchronous step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com