Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS0021 Datasheet(PDF) 2 Page - Power IC Ltd.

Part # PS0021
Description  High Efficiency PFM Step-up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS0021 Datasheet(HTML) 2 Page - Power IC Ltd.

  PS0021 Datasheet HTML 1Page - Power IC Ltd. PS0021 Datasheet HTML 2Page - Power IC Ltd. PS0021 Datasheet HTML 3Page - Power IC Ltd. PS0021 Datasheet HTML 4Page - Power IC Ltd. PS0021 Datasheet HTML 5Page - Power IC Ltd. PS0021 Datasheet HTML 6Page - Power IC Ltd. PS0021 Datasheet HTML 7Page - Power IC Ltd. PS0021 Datasheet HTML 8Page - Power IC Ltd. PS0021 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PS0021
PIN CONFIGURATION
PIN DESIGNATOR
Name
Pin
Type
Function
SW
1
Switch
Connect inductor between SW and Battery.
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
2
LBI
2
Low–Battery
Detector Input.
Connect a resistive divider from Battery to LBI to ground.
EN
3
Enable
EN=High: normal operation. (Supports both TTL and CMOS Logic).
LBO
4
Low Battery
Detector Output
Open–Drain Output. Low–Battery Detector Output is LOW when
VLBI is less than 0.6 V.
GND
5
Ground
Power Ground
VOUT
6
IC Power Supply
VOUT supplies power to Step-up converter.
Note 1: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed
by design.
Note 2: Guaranteed with the addition of a Schottky MBR0520L external diode between LX and OUT when using the
PS0021 with only one cell, and assumes a 0.3V voltage drop across the Schottky diode (see Figure 3).
Note 3: Supply current is measured with an ammeter between the output and OUT pin. This current correlates directly
with actual battery supply current, but is reduced in value according to the step-up ratio and efficiency.
Note 4: VOUT forced to the following conditions to inhibit switching: VOUT = 1.05
✕ VOUT (NOM)
VOUT = 3.465V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com