Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4902A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4902A
Description  DUAL 5V REGULATOR WITH RESET AND DISABLE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4902A Datasheet(HTML) 1 Page - STMicroelectronics

  L4902A Datasheet HTML 1Page - STMicroelectronics L4902A Datasheet HTML 2Page - STMicroelectronics L4902A Datasheet HTML 3Page - STMicroelectronics L4902A Datasheet HTML 4Page - STMicroelectronics L4902A Datasheet HTML 5Page - STMicroelectronics L4902A Datasheet HTML 6Page - STMicroelectronics L4902A Datasheet HTML 7Page - STMicroelectronics L4902A Datasheet HTML 8Page - STMicroelectronics L4902A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
L4902A
DUAL 5V REGULATOR WITH RESET AND DISABLE
June 2000
PIN CONNECTION
HEPTAWATT (Vertical)
ORDERING NUMBER : L4902A
®
.
DOUBLE BATTERY OPERATING
.
OUTPUT CURRENTS : I01 = 300 mA
I02 = 300 mA
.
FIXED PRECISION OUTPUT VOLTAGE
5V
± 2 %
.
RESET FUNCTION CONTROLLED BY INPUT
VOLTAGE AND OUTPUT 1 VOLTAGE
.
RESET
FUNCTION
EXTERNALLY
PRO-
GRAMMABLE TIMING
.
RESET OUTPUT LEVEL RELATED TO OUT-
PUT 2
.
OUTPUT 2 INTERNALLY SWITCHED WITH
ACTIVE DISCHARGING
.
OUTPUT 2 DISABLE LOGICAL INPUT
.
LOW LEAKAGE CURRENT, LESS THAN 1
µA
AT OUTPUT 1
.
RESET OUTPUT NORMALLY HIGH
.
INPUT OVERVOLTAGE PROTECTION UP TO
60V
.
OUTPUT TRANSISTORS SOA PROTECTION
.
SHORT CIRCUIT AND THERMAL OVER-
LOAD PROTECTION
DESCRIPTION
The L4902A is a monolithic low drop dual 5V
regulator designed mainly for supplying microproc-
essor systems.
Reset and data save functions and remote switch
on/off control can be realized.
1/9


Similar Part No. - L4902A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4901 STMICROELECTRONICS-L4901 Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4909 STMICROELECTRONICS-L4909 Datasheet
61Kb / 7P
EXTERNALLY ADJUSTABLE MULTIFUNCTION REGULATOR
May-2000
More results

Similar Description - L4902A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
DUAL 5V REGULATOR WITH RESET
Jun-2000
TDA8133 STMICROELECTRONICS-TDA8133 Datasheet
82Kb / 5P
5.1V 8V REGULATOR WITH DISABLE AND RESET
Mar-1994
TDA8137 STMICROELECTRONICS-TDA8137 Datasheet
81Kb / 5P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
Sep-1993
TDA8138 STMICROELECTRONICS-TDA8138 Datasheet
103Kb / 6P
5.1V 12V REGULATOR WITH DISABLE AND RESET
May-1993
logo
List of Unclassifed Man...
ILA8138A ETC1-ILA8138A Datasheet
34Kb / 5P
5.1V 12V REGULATOR WITH DISABLE AND RESET
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
KKA8138A KODENSHI-KKA8138A Datasheet
102Kb / 4P
5.1V 12V REGULATOR WITH DISABLE AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com