Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16354/PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADIS16354/PCBZ
Description  High Precision Tri-Axis Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16354/PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIS16354/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADIS16354
Rev. 0 | Page 17 of 28
CALIBRATION
For applications that require point-of-use calibration, the
ADIS16354 provides bias correction registers for all six sensors.
Table 11, Table 12, Table 13, and Table 14 provide the details
required for using these registers to calibrate the ADIS16354
sensors.
Table 11. Gyroscope Bias Correction Registers
Register
Addresses
Common Parameters
XGYRO_OFF
0x1B, 0x1A
Default value = 0x0000
YGYRO_OFF
0x1D, 0x1C
Scale = 0.018315°/s per LSB
ZGYRO_OFF
0x1F, 0x1E
Twos complement, read/write
Table 12. Gyroscope Bias Correction Register Bits
Bits
Description
[15:13]
Not used
[12:0]
Data bits, typical adjustment range = ±75°
Table 13. Accelerometer Bias Correction Registers
Register
Addresses
Common Parameters
XACCL_OFF
0x21, 0x20
Default value = 0x0000
YACCL_OFF
0x23, 0x22
Scale = 0.4672 mg per LSB
ZACCL_OFF
0x25, 0x24
Twos complement, read/write
Table 14. Accelerometer Bias Correction Register Bits
Bits
Description
[15:12]
Not used
[11:0]
Data bits, typical adjustment range = ±947 mg
Manual Bias Calibration
Because each offset bias register has read/write access, the bias
of each sensor is adjustable. For example, if an output offset of
0.18°/s is observed in the Z-axis gyroscope, the ZGYRO_OFF
register provides the calibration factor necessary to improve the
accuracy. Using its sensitivity of 0.018315°/s, an adjustment of
−10 LSBs is required. The twos complement, hexadecimal code
of −10 LSBs is 0x1FF6.
To implement this calibration factor, use the following
pseudocode:
Write 0xF6 to Address 0x1E, then write 0x1F to Address 0x1F
This step reduces the 0.18°/s error term to 0.00315°/s.
Automatic Bias Null Calibration
The ADIS16354 provides a single-command, automatic bias
calibration for all three gyroscope sensors. The COMMAND
register provides this function, which measures all three
gyroscope output registers, then loads the three bias correction
registers with values that return their outputs to zero (null). A
single register write command starts this process (see Table 16).
Write 0x01 to Address 0x3E
Precision Automatic Bias Null Calibration
The ADIS16354 also provides a single-command function that
incorporates the optimal averaging time for generating the
appropriate bias correction factors for all three gyroscope sensors.
This command requires approximately 30 seconds to complete.
For optimal calibration accuracy, the device should be stable
(no motion) for this entire period. Once it has started, a reset
command is required to stop it prematurely, if required. The
following sequence starts this calibration option (see Table 16):
Write 0x10 to Address 0x3E
Restoring Factory Calibration
The ADIS16354 factory calibration can be restored by returning
the contents of each bias correction register to their default
value of zero. This command also flushes all of the data from
the digital filter taps. To accomplish this function for all six
sensor signal paths (see Table 16),
Write 0x02 to Address 0x3E
Linear Acceleration Bias Compensation (Gyroscopes)
The ADIS16354 provides compensation for acceleration
influences on the gyroscopes’ bias behavior, using the
MSC_CTRL register.
Set Bit 7 of Address 0x34 to 1 (see Table 29)
Linear Acceleration Origin Alignment
The ADIS16354 provides origin alignment for the accelerometers
to the point of percussion (see Figure 5), using the MSC_CTRL
register.
Set Bit 6 of Address 0x34 to a 1 (see Table 29)
GLOBAL COMMANDS
The ADIS16354 provides global commands for common
operations such as calibration, flash update, auxiliary DAC
latch, and software reset. Each global command has a unique
control bit assigned to it in the COMMAND register and is
initiated by writing a 1 to its assigned bit.
The flash update command writes the contents of each non-
volatile register into flash memory for storage. This process
takes approximately 100 ms and requires the power supply
voltage to be within specification for the duration of the event.
Note that this operation also automatically follows the autonull,
precision autonull, and factory reset commands. After waiting
the appropriate time for the flash update to complete, verify
successful completion by reading the STATUS register (flash
update error = 0, if successful).
The DAC latch command loads the contents of AUX_DAC into
the DAC latches, which control the actual output level. This
overcomes the challenge of discontinuous outputs that would
otherwise be associated with two separate write cycles for upper
and lower bytes. Finally, the software reset command sends the
ADIS16354 digital processor into a restart sequence, effectively
accomplishing the same tasks as the RST line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com