Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16354/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADIS16354/PCBZ
Description  High Precision Tri-Axis Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16354/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADIS16354/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADIS16354
Rev. 0 | Page 24 of 28
DRILL AND INSERT
1.5mm PIN 2×
(HOLE PLACEMENT
INACCURACY MAY
REQUIRE USE OF
UNDERSIZED PIN).
DRILL AND TAP FOR
M2 SCREW
AS REQUIRED
2×.
4
BSC
26.700
BSC
0.500 BSC
2×
4
BSC
27.700
BSC
8.350
10
16.810
2×
HOLE 2×.
SEE SAMTEC MOUNTING
DRAWING FOR CLM SERIES SOCKET.
THE LOCATION OF THE MATING CONNECTOR
RELATIVE TO THE ALIGNMENT PINS MAY BE
PLACED ±0.75mm FROM THIS DIMENSION AS
DESIRED. PLACING THIS FURTHER OUT WILL
HAVE LESS BEND/STRESS RELIEF IN THE FLEX.
Figure 32. Hole Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com