Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16354/PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADIS16354/PCBZ
Description  High Precision Tri-Axis Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16354/PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADIS16354/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADIS16354
Rev. 0 | Page 20 of 28
STATUS AND DIAGNOSTICS
The ADIS16354 provides a number of status and diagnostic
functions. Table 27 provides a summary of these functions,
along with their appropriate control registers.
Table 27. Status and Diagnostic Functions
Function
Register
Data-ready input/output indicator
MSC_CTRL
Self-test, mechanical check for sensor element
MSC_CTRL
Status: Check for predefined error conditions
STATUS
Flash memory endurance
ENDURANCE
Alarms: Configure and check for user-specific
conditions
ALM_MAG1
ALM_MAG2
ALM_SMPL1
ALM_SMPL2
ALM_CTRL
Data-Ready Input/Output Indicator
The data-ready function provides an indication of updated
output data. The MSC_CTRL register allows the user to config-
ure either of the general-purpose input/output pins (DIO1 or
DIO2) as a data-ready indicator signal.
Table 28. MSC_CTRL Register Definition
Address
Default
Format
Access
0x35, 0x34
0x0000
N/A
R/W
Table 29. MSC_CTRL Bit Descriptions
Bits
Description
[15:11]
Not used
[10]
Internal self-test enable (clears on completion)
1 = enabled, 0 = disabled
[9]
Manual self-test, negative stimulus
1 = enabled, 0 = disabled
[8]
Manual self-test, positive stimulus
1 = enabled, 0 = disabled
[7]
Linear acceleration bias compensation for gyroscopes
1 = enabled, 0 = disabled
[6]
Linear accelerometer origin alignment
1 = enabled, 0 = disabled
[5:3]
Not used
[2]
Data-ready enable
1 = enabled, 0 = disabled
[1]
Data-ready polarity
1 = active high, 0 = active low
[0]
Data-ready line select
1 = DIO2, 0 = DIO1
Self-Test
The MSC_CTRL register also provides a self-test function,
which verifies the MEMS sensor’s mechanical integrity. There
are two different self-test options: internal self-test and external
self-test.
The internal test provides a simple, two-step process for
checking the MEMS sensor.
1.
Start the process by writing a 1 to Bit 10 in the MSC_CTRL
register.
2.
Check the result by reading Bit 5 of the STATUS register.
If a failure is indicated, then Bits [10:15] of the STATUS register
indicate which of the six sensors it is associated with.
The entire cycle takes approximately 35 ms and the output data
is not available during this time. The external self-test is a static
condition that can be enabled and disabled. In this test, both
positive and negative gyroscope MEMS sensor movements are
available. For the accelerometers, only positive MEMS sensor
movement is available.
After writing to the appropriate control bit, the output registers
reflect the changes after a delay that reflects the response time
associated with the sensor/signal conditioning circuit. For
example, the standard 350 Hz bandwidth reflects an exponen-
tial response with a time constant of 0.45 ms. Note that the
digital filtering impacts this delay as well. The appropriate bit
definitions for self-test are listed in Table 28 and Table 29.
Flash Memory Endurance
The ENDURANCE register maintains a running count of writes
to the flash memory. It provides up to 32,768 counts. Note that
if this count is exceeded, the register wraps around and goes
back to zero, before beginning to increment again.
Table 30. ENDURANCE Register Definition
Address
Default
Format
Access
0x01, 0x00
N/A
Binary
Read only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com