Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16354/PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS16354/PCBZ
Description  High Precision Tri-Axis Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16354/PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS16354/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADIS16354
Rev. 0 | Page 18 of 28
Table 15. COMMAND Register Definition
Address
Default
Format
Access
0x3F, 0x3E
N/A
N/A
Write only
Table 16. COMMAND Bit Descriptions
Bits
Description
[15:8]
Not used
[7]
Software reset command
[6:5]
Not used
[4]
Precision autonull command
[3]
Flash update command
[2]
Auxiliary DAC data latch
[1]
Factory calibration restore command
[0]
Autonull command
OPERATIONAL CONTROL
Internal Sample Rate
The internal sample rate defines how often data output variables
are updated, independent of the rate at which they are read out
on the SPI port. The SMPL_PRD register controls the ADIS16354
internal sample rate and has two parts: a time base and a multi-
plier. The sample period can be calculated using the following
equation:
TS = TB × (NS + 1)
where:
TS is the sample period.
TB is the time base.
NS is the multiplier.
The default value is the minimum register setting, 0x01, which
corresponds to the maximum sample rate of 819.2 samples per
second. The contents of this register are nonvolatile.
Table 17. SMPL_PRD Register Definition
Address
Default
Format
Access
0x37, 0x36
0x0001
N/A
R/W
Table 18. SMPL_PRD Bit Descriptions
Bits
Description
[15:8]
Not used
[7]
Time base, 0 = 0.61035 ms, 1 = 18.921 ms
[6:0]
Multiplier (add 1 before multiplying by the time base)
An example calculation of the sample period for the device is
If SMPL_PRD = 0x0007, Bits [7:0] = 00000111
Bit 7 = 0, so TB = 0.61035 ms
Bits [6:0] = 0000111 = 7 = NS
TS = TB × (NS + 1) = = 0.61035 ms × (7 + 1) = 4.8828 ms
fS = 1∕TS = 204.8 SPS
The sample rate setting has a direct impact on the SPI data rate
capability. For SMPL_PRD settings ≤ 0x09 (fast mode), the SPI
SCLK can run at a rate up to 2.0 MHz. For SMPL_PRD settings
> 0x09 (normal mode), the SPI SCLK can run at a rate up to
300 kHz.
The sample rate setting also affects the power dissipation.
The normal mode power dissipation is approximately 67% less
than the fast mode power dissipation. The two different modes
of operation offer a system-level trade-off between performance
(sample rate, serial transfer rate) and power dissipation.
Power Management
The ADIS16354 offers two different shutdown options:
programmable shutdown period and indefinite shutdown.
Raising Bit 8 activates the indefinite shutdown period. Writing
the appropriate sleep time to the lower byte of the SLP_CNT
register shuts the device down for the specified time. The
following example illustrates this relationship:
Bits [7:0] = 00000110 = 6 codes = 3 seconds
At the completion of the programmed duration, the ADIS16354
returns to normal operation. If measurements are required
before sleep period completion or if it is necessary to end the
indefinite shutdown, the ADIS16354 can be awakened by pull-
ing the CS line down to a 0 state, then returning it to a 1 state.
Otherwise, the CS line must be kept in a 1 state to maintain sleep
mode.
When writing a sleep time to the SLP_CNT register, the CS
signal must be raised to a 1 before the command takes effect.
Power cycle recovery will be a normal startup, because the
contents of SLP_CNT are volatile.
Table 19. SLP_CNT Register Definition
Address
Scale1
Default
Format
Access
0x3B, 0x3A
0.5 sec
0x0000
Binary
R/W
1 Scale is the weight of each LSB in the lower byte of this register.
Table 20. SLP_CNT Bit Descriptions
Bits
Description
[15:9]
Not used
[8]
Indefinite shutdown control bit
[7:0]
Data bits, 0.5 sec/LSB
Digital Filtering
Each sensor’s signal conditioning circuit has an analog bandwidth
of approximately 350 Hz. The ADIS16354 provides a Bartlett
Window FIR filter for additional noise reduction on all of the
output data registers. The SENS/AVG register controls the
number of taps in power-of-two step sizes, from zero to six
Filter setup requires one simple step: write the appropriate M
factor to the assigned bits in the SENS/AVG register. The bit
assignments are listed in Table 22. The frequency response
relationship for this filter is:
(
)
()
s
s
A
A
B
t
f
N
t
f
N
f
H
f
H
f
H
×
×
π
×
×
×
×
π
=
=
sin
sin
)
(
)
(
)
(
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com