Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16354/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16354/PCBZ
Description  High Precision Tri-Axis Inertial Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16354/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16354/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16354/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADIS16354
Rev. 0 | Page 21 of 28
Status Conditions
The STATUS register contains the following error condition
flags: alarm conditions, self-test status, overrange, SPI
communication failure, control register update failure, and
power supply range failure. See Table 31 and Table 32 for the
appropriate register access and bit assignment for each flag.
The bits assigned for checking power supply range and sensor
overrange automatically reset to zero when the error condition
no longer exists. The remaining error flag bits in the STATUS
register require a read to return them to zero. Note that a
STATUS register read clears all of the bits to zero. If any error
conditions remain, the bits revert to 1 during the next internal
output register update cycle.
Table 31. STATUS Register Definition
Address
Default
Format
Access
0x3D, 0x3C
0x0000
N/A
Read only
Table 32. STATUS Bit Descriptions
Bits
Description
[15]
Z-axis accelerometer self-diagnostic error flag
1 = failure, 0 = passing
[14]
Y-axis accelerometer self-diagnostic error flag
1 = failure, 0 = passing
[13]
X-axis accelerometer self-diagnostic error flag
1 = failure, 0 = passing
[12]
Z-axis gyroscope self-diagnostic error flag
1 = failure, 0 = passing
[11]
Y-axis gyroscope self-diagnostic error flag
1 = failure, 0 = passing
[10]
X-axis gyroscope self-diagnostic error flag
1 = failure, 0 = passing
[9]
Alarm 2 status
1 = active, 0 = inactive
[8]
Alarm 1 status
1 = active, 0 = inactive
[7:6]
Not used
[5]
Self-test diagnostic error flag
1 = error condition, 0 = normal operation
[4]
Sensor overrange (any of the six)
1 = error condition, 0 = normal operation
[3]
SPI communications failure
1 = error condition, 0 = normal operation
[2]
Control register update failed
1 = error condition, 0 = normal operation
[1]
Power supply in range above 5.25 V
1 = above 5.25 V, 0 = below 5.25 V (normal)
[0]
Power supply below 4.75 V
1 = below 4.75 V, 0 = above 4.75 V (normal)
Alarms
The ADIS16354 provides two independent alarm options for
event detection. Event detections occur when output register
data meets the configured conditions. Configuration options
include the following:
•
All output data registers are available for monitoring as the
source data.
•
The source data can be filtered or unfiltered.
•
Comparisons can be static or dynamic (rate of change).
•
The threshold levels and times are configurable.
•
Comparison can be greater than or less than.
The ALM_MAG1 register and the ALM_MAG2 register both
establish the threshold level for detecting events. These registers
take on the format of the source data and provide a bit for
establishing the greater than/less than comparison direction.
When making dynamic comparisons, the ALM_SMPL1 register
and the ALM_SMPL2 register establish the number of averages
taken for the source data as a reference for comparison. In this
configuration, each subsequent source data sample is subtracted
from the previous one, establishing an instantaneous delta. The
ALM_CTRL register controls the source data selection, static/
dynamic selection, filtering selection, and digital input/output
usage for the alarms.
The rate of change calculation is
ettings.
/ALM_MAG2
ALM_MAG1
to
according
with
comparing
by
determined
is
alarm
change
of
Rate
)
(
)
1
(
1
1
s
M
Y
n
y
n
y
N
Y
C
C
N
n
DS
C
DS
∑
=
−
+
=
where:
NDS is the number of samples in ALM_SMPL1 and
ALM_SMPL2.
y(n) is the sampled output data.
MC is the magnitude for comparison in ALM_MAG1 and
ALM_MAG2.
YC is the factor to compare with MC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com