Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5571ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5571ACPZ-R7
Description  2.5 GHz to 2.7 GHz WiMAX Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5571ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5571ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADL5571
Rev. 0 | Page 11 of 16
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 19 shows the basic connections for the ADL5571.
VCC1
RFIN
GND
VREG
RFOUT
NC
RFOUT
NC
5
6
7
8
15
16
14
13
ADL5571
C7
0.01µF
VPOS
VREG
C9
0.01µF
C2
2.2pF
C10
0.01µF
C8
0.01µF
STBY
C6
3.3pF
VPOS
C11
1µF
C5
OPEN
VPOS1
C12
1µF
C4
39pF
C3
2.7pF
VPOS1
VPOS
RFIN
RFOUT
W1
L3
2.7nH
L2
11nH
L1
1nH
NC = NO CONNECT
Figure 19. Basic Connections
Power Supply
The voltage supply on the ADL5571, which ranges from
3.2 V to 4.2 V, should be connected to the VCCx pins. VCC1 is
decoupled with Capacitor C7, whereas VCC2 uses a tank circuit
to prevent RF signals from propagating on the dc lines.
RF Input Interface
The RFIN pin is the port for the RF input signal to the power
amplifier. The L3 inductor, 2.7 nH, matches the input
impedance to 50 Ω.
RFIN
2.7nH
L3
6
Figure 20. RF Input with Matching Component
RF Output Interface
The parallel RF output ports have a shunt capacitor, C3 (2.7 pF),
and the line inductance of the microstrip line for optimized
output power and linearity. The characteristics of the ADL5571
are described for 50 Ω impedance after the output matching
capacitor (load after C3). C4 provides dc blocking on the
RF output.
RFOUT
RFOUT
C3
2.7pF
C4
39pF
L2
11nH
C5
OPEN
C12
1µF
RFOUT
VPOS1
15
14
Figure 21. RF Output
Transmit/Standby Enable
During normal transmit mode, the STBY pin is biased low
(0 V). However, during receive mode, the pin can be biased
high (2.5 V) to shift the device into standby mode, which
reduces current consumption to 9 mA.
VREG Enable
During normal transmit, the VREG pin is biased to 2.85 V and
draws 9 mA of current. When the VREG pin is low (0 V), the
device suspends itself into sleep mode (irrespective of supply
biasing). In this mode, the device draws less than 1 μA of
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com