Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5571ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5571ACPZ-R7
Description  2.5 GHz to 2.7 GHz WiMAX Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5571ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5571ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADL5571
Rev. 0 | Page 13 of 16
EVALUATION BOARD
The ADL5571 performance data was taken on a FR4 board
layout. Care should be taken to ensure 50 Ω impedance for
all RF traces. For optimal performance in linearity, gain, and
efficiency, the output matching capacitor, C3, should be placed
35 mils from the edge of the package.
Figure 25. Evaluation Board Top Layer
Figure 26. Evaluation Board Bottom Layer
Table 6. Evaluation Board Configuration Options
Component
Function
Default Value
VPOS, VPOS1, GND
Supply and Ground Connections.
W1 = installed
TP1 (STBY/PWDN)
Transmit/Standby Mode. When STBY is low (0 V), the device operates in transmit mode.
When the radio is receiving data, STBY can be taken high (2.5 V), reducing the supply
current to 9 mA.
Not applicable
TP2 (VREG)
Normal/Sleep Mode. When VREG is low, the device goes into sleep mode, reducing
the supply current to 10 μA. When VREG is high (2.85 V), the device operates in its
normal transmit mode and the VREG pin draws a bias current of approximately 9 mA.
Not applicable
L3
Input Interface. L3 matches the input to 50 Ω.
L3 = 2.7 nH (Size 0402)
C3, C4
Output Interface. C4 provides dc blocking. C3 matches the output to 50 Ω.
C3 = 2.7 pF (Size 0402)
(C3 value for 2.5 GHz to
2.7 GHz operation, tight
tolerance recommended)
C4 = 39 pF (Size 0402)
C2, C10
Filter Interface. A ground-referenced capacitor should be connected to this node to
reduce bias line noise.
C2 = 2.2 pF (Size 0402)
C10 = 0.01 μF (Size 0402)
C7, C8, C9, C11, C12
Power Supply Decoupling. Capacitors C7 through C12 are used for power supply
decoupling. They should be placed as close as possible to the DUT.
C7 = 0.01 μF (Size 0402)
C8 = 0.01 μF (Size 0402)
C9 = 0.01 μF (Size 0402)
C11 = 1 μF (Size 0402)
C12 = 1 μF (Size 0402)
L1, C6, L2, C5
RF Trap. L1, C6 and L2, C5 form tank circuits and prevent RF from propagating on
the dc supply lines
L1 = 1 nH (Size 0402)
C6 = 3.3 pF (Size 0402)
L2 = 11 nH (Size 0402)
C5 = Open
RFIN, RFOUT
RF Input and Output SMA Connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com