Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5571ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5571ACPZ-R7
Description  2.5 GHz to 2.7 GHz WiMAX Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5571ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADL5571ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADL5571
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
VCC = 3.3 V .................................................................................... 3
VCC = 5 V ....................................................................................... 4
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
VCC = 3.3 V .....................................................................................7
VCC = 5 V ........................................................................................9
Applications Information .............................................................. 11
Basic Connections...................................................................... 11
64 QAM OFDMA Performance ............................................... 12
Power-Added Efficiency............................................................ 12
Evaluation Board ............................................................................ 13
Measurement Setup........................................................................ 14
Outline Dimensions ....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
1/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com