Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5571ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5571ACPZ-R7
Description  2.5 GHz to 2.7 GHz WiMAX Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5571ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5571ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADL5571
Rev. 0 | Page 12 of 16
64 QAM OFDMA PERFORMANCE
The ADL5571 shows exceptional performance when used with
a higher order modulation scheme, such as a 64 QAM system.
Figure 22, Figure 23, and Figure 24 illuminate the EVM, gain,
and current consumption performance within the context of a
64 QAM OFDMA system.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
POUT (dBm)
8
10
1214
16
1820
22
24
26
28
2700MHz
2500MHz
2600MHz
Figure 22. EVM vs. POUT Performance at VCC = 3.3 V and
64 QAM OFDMA Signal
26
27
28
29
30
31
32
FREQUENCY (MHz)
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
Figure 23. Gain vs. Frequency Performance at VCC = 3.3 V and
64 QAM OFDMA Signal
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
POUT (dBm)
0
5
10
15
20
25
30
Figure 24. Burst Current vs. POUT at VCC = 3.3 V, 64 QAM,
2350 MHz, 31% 802.16e OFDMA Signal
POWER-ADDED EFFICIENCY
The efficiency of the ADL5571 is defined on the current that it
draws during the data burst of an 802.16e OFDMA signal. In
typical test setup, the average rms current, IAVG, is measured.
However,
IAVG = Duty Cycle (in decimal) × IBURST +
(1 − Duty Cycle [in decimal]) × IDEFAULT
where:
IBURST is the rms current during the data burst of an OFDMA
signal.
IDEFAULT can be the quiescent current drawn when there is no
data burst and the device remains biased, the sleep current
(<1 μA) if the device is defaulted to sleep mode, or the standby
current.
For example, in a 31% duty cycle 802.16e OFDMA signal,
the burst current is calculated by rearranging the previous
equation to get
0.31
)
0.69
(
DEFAULT
AVG
BURST
I
I
×
−
Ι
=
Finally, the PAE is calculated by
100
(mA)
(V)
(mW)
(mW)
(%)
×
×
−
=
BURST
CC
I
V
Power
Input
RF
Power
Output
RF
PAE
When RF is 2.6 GHz, 31% 16 QAM OFDMA signal,
VCC is 3.3 V, RF Output Power is 25 dBm, and RF Input
Power is −4 dBm, the ADL5571 consumes a burst current,
IBURST is 450 mA and PAE = 21%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com