Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5571ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5571ACPZ-R7
Description  2.5 GHz to 2.7 GHz WiMAX Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5571ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5571ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5571ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2.5 GHz to 2.7 GHz
WiMAX Power Amplifier
ADL5571
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Gain: 29 dB
Operation from 2.5 GHz to 2.7 GHz
EVM ≤ 3% with 16 QAM OFDMA
@ POUT = 25 dBm (3.3 V, 2.6 GHz)
@ POUT = 27 dBm (5 V, 2.6 GHz)
Input matched to 50 Ω
Power supply: 3.2 V to 5 V
Quiescent current: 135 mA
Power-added efficiency (PAE)
21% @ POUT = 25 dBm (3.3 V, 2.6 GHz)
Multiple operating modes to reduce battery drain
Standby mode: 9 mA
Sleep mode: <1 μA
APPLICATIONS
WiMAX mobile terminals and CPEs
GENERAL DESCRIPTION
The ADL5571 is a high linearity 2.5 GHz to 2.7 GHz power
amplifier designed for WiMAX mobile terminals and CPEs
using TDD operation at a duty cycle of 50% or lower. With a
gain of 29 dB and an output compression point of 31 dBm, it
can operate at an output power level up to 27 dBm while
maintaining an EVM of ≤3% with a supply voltage of 5 V. PAE
is 21% at POUT = 25 dBm with a 3.3 V supply voltage.
The ADL5571 RF input is matched to provide an input return
loss of better than 10 dB. The open-collector output is externally
matched with a microstrip line and an external shunt capacitor.
The ADL5571 operates over a supply voltage range from 3.2 V
to 5 V with a current of 450 mA burst rms when delivering
25 dBm (3.3 V supply). A standby mode is available that reduces
the quiescent current to 9 mA, which is useful when a TDD
terminal is receiving data.
The ADL5571 is fabricated in a GaAs HBT process and is packaged
in a 4 mm × 4 mm, 16-lead, Pb-free, RoHS-compliant LFCSP
that uses an exposed paddle for excellent thermal impedance. It
operates from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
RFOUT
VCC1
CFLT
STBY
VREG
VCC2
OM
RFIN
FIRST
STAGE
SECOND
STAGE
THIRD
STAGE
IM1
IM2
IM3
BIAS_2
BIAS_1
BIAS_3
ADL5571
Figure 1.


Similar Part No. - ADL5571ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Mar-2007
ADL5570 AD-ADL5570_15 Datasheet
355Kb / 12P
WiMAX Power Amplifier
REV. 0
More results

Similar Description - ADL5571ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2720-SM TRIQUINT-TGA2720-SM Datasheet
1Mb / 1P
2.5 GHz 802.16e WiMax Amplifier
logo
ANADIGICS, Inc
AWT6261R ANADIGICS-AWT6261R Datasheet
414Kb / 8P
2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
07/2008
logo
SiGe Semiconductor, Inc...
SE7262L SIGE-SE7262L Datasheet
137Kb / 2P
2.5-2.7 GHz WiMAX Power Amplifier
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
ANADIGICS, Inc
AWT6264R ANADIGICS-AWT6264R Datasheet
399Kb / 9P
2.3-2.7 GHz Mobile WiMAX Power Amplifier Module
Rev 1.1
logo
Johanson Technology Inc...
2600BP14M0200 JOHANSON-2600BP14M0200 Datasheet
118Kb / 2P
2.5 - 2.7 GHz WiMAX BPF
logo
ANADIGICS, Inc
AWM6268 ANADIGICS-AWM6268 Datasheet
462Kb / 10P
2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Skyworks Solutions Inc.
AWM6268 SKYWORKS-AWM6268 Datasheet
738Kb / 12P
2.5-2.7 GHz Mobile WiMAX/LTE Power Amplifier Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
2.5-2.7 GHz WiMAX Power Amplifi er Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com