Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2805EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-ADN2805EBZ
Description  1.25 Gbps Clock and Data Recovery IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2805EBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-ADN2805EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADN2805
Rev. 0 | Page 3 of 16
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 μF, SLICEP = SLICEN = VEE, input data pattern: PRBS 223 − 1,
unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
QUANTIZER—DC CHARACTERISTICS
Input Voltage Range
@ PIN or NIN, dc-coupled
1.8
2.8
V
Peak-to-Peak Differential Input
PIN − NIN
0.2
2.0
V
Input Common-Mode Level
DC-coupled
2.3
2.5
2.8
V
QUANTIZER—AC CHARACTERISTICS
Data Rate
1250
Mbps
S11
@ 2.5 GHz
−15
dB
Input Resistance
Differential
100
Ω
Input Capacitance
0.65
pF
LOSS-OF-LOCK (LOL) DETECT
VCO Frequency Error for LOL Assert
With respect to nominal
1000
ppm
VCO Frequency Error for LOL Deassert
With respect to nominal
250
ppm
LOL Response Time
200
μs
ACQUISITION TIME
Lock-to-Data Mode
GbE
1.5
ms
Optional Lock to REFCLK Mode
20.0
ms
DATA RATE READBACK ACCURACY
Fine Readback
In addition to REFCLK accuracy
100
ppm
POWER SUPPLY
Power Supply Voltage
3.0
3.3
3.6
V
Power Supply Current
Locked to 1.25 Gbps
118
131
mA
OPERATING TEMPERATURE RANGE
−40
+85
°C
JITTER SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 μF, SLICEP = SLICEN = VEE, input data pattern: PRBS 223 − 1,
unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
PHASE-LOCKED LOOP CHARACTERISTICS
Jitter Peaking
0
0.03
dB
Jitter Generation
0.001
0.003
UI rms
0.02
0.04
UI p-p
Jitter Tolerance
GbE, IEEE 802.3, 637 kHz
0.749
UI p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com