Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2805EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADN2805EBZ
Description  1.25 Gbps Clock and Data Recovery IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2805EBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADN2805EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADN2805
Rev. 0 | Page 4 of 16
OUTPUT AND TIMING SPECIFICATIONS
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
LVDS OUTPUT CHARACTERISTICS
CLKOUTP/CLKOUTN, DATAOUTP/DATAOUTN
Differential Output Swing
VOD (see Figure 3)
240
300
400
mV
Output Offset Voltage
VOS (see Figure 3)
1125
1200
1275
mV
Output Impedance
Differential
100
Ω
LVDS Outputs Timing
Rise Time
20% to 80%
115
220
ps
Fall Time
80% to 20%
115
220
ps
Setup Time
TS (see Figure 2), GbE
360
400
440
ps
Hold Time
TH (see Figure 2), GbE
360
400
440
ps
I2C® INTERFACE DC CHARACTERISTICS
LVCMOS
Input High Voltage
VIH
0.7 VCC
V
Input Low Voltage
VIL
0.3 VCC
V
Input Current
VIN = 0.1 VCC or VIN = 0.9 VCC
−10.0
+10.0
μA
Output Low Voltage
VOL, IOL = 3.0 mA
0.4
V
I2C INTERFACE TIMING
See Figure 10
SCK Clock Frequency
400
kHz
SCK Pulse Width High
tHIGH
600
ns
SCK Pulse Width Low
tLOW
1300
ns
Start Condition Hold Time
tHD;STA
600
ns
Start Condition Setup Time
tSU;STA
600
ns
Data Setup Time
tSU;DAT
100
ns
Data Hold Time
tHD;DAT
300
ns
SCK/SDA Rise/Fall Time
tR/tF
20 + 0.1 Cb1
300
ns
Stop Condition Setup Time
tSU;STO
600
ns
Bus Free Time Between a Stop and a Start
tBUF
1300
ns
REFCLK CHARACTERISTICS
Optional lock-to-REFCLK mode
Input Voltage Range
@ REFCLKP or REFCLKN
Input Low Voltage
VIL
0
V
Input High Voltage
VIH
VCC
V
Minimum Differential Input Drive
100
mV p-p
Reference Frequency
10
160
MHz
Required Accuracy
100
ppm
LVTTL DC INPUT CHARACTERISTICS
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input High Current
IIH, VIN = 2.4 V
5
μA
Input Low Current
IIL, VIN = 0.4 V
−5
μA
LVTTL DC OUTPUT CHARACTERISTICS
Output High Voltage
VOH, IOH = −2.0 mA
2.4
V
Output Low Voltage
VOL, IOL = 2.0 mA
0.4
V
1 Cb = total capacitance of one bus line in pF. If mixed with high speed mode devices, faster fall times are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com