Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2805EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # EVAL-ADN2805EBZ
Description  1.25 Gbps Clock and Data Recovery IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2805EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button EVAL-ADN2805EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADN2805
Rev. 0 | Page 14 of 16
APPLICATIONS INFORMATION
PCB DESIGN GUIDELINES
Proper RF PCB design techniques must be used for optimal
performance.
Power Supply Connections and Ground Planes
Use of one low impedance ground plane is recommended. To
reduce series inductance, solder the VEE pins directly to the
ground plane. If the ground plane is an internal plane and
connections to the ground plane are made through vias, multiple
vias can be used in parallel to reduce the series inductance,
especially on Pin 23, which is the ground return for the output
buffers. Connect the exposed pad to the ground plane using
plugged vias to prevent solder from leaking through the vias
during reflow.
Use of a 22 μF electrolytic capacitor between VCC and VEE is
recommended at the location where the 3.3 V supply enters the
PCB. When using 0.1 μF and 1 nF ceramic chip capacitors,
place them between the IC power supply VCC and VEE, as
close as possible to the ADN2805 VCC pins.
If connections to the supply and ground are made through vias,
the use of multiple vias in parallel helps to reduce series
inductance, especially on Pin 24, which supplies power to the
high speed CLKOUTP/CLKOUTN and DATAOUTP/
DATAOUTN output buffers. Refer to Figure 14 for the
recommended connections.
By using adjacent power supply and ground planes, excellent
high frequency decoupling can be realized by using close
spacing between the planes. This capacitance is given by
( )
pF
ε
88
.
0
A/d
C
r
PLANE =
where:
ε
r
is the dielectric constant of the PCB material.
A is the area of the overlap of power and ground planes (cm2).
d is the separation between planes (mm).
For FR-4, εr = 4.4 mm and 0.25 mm spacing, C ~15 pF/cm2.
50Ω TRANSMISSION LINES
DATAOUTP
DATAOUTN
CLKOUTP
CLKOUTN
0.1µF
22µF
1nF
0.1µF
0.1µF
0.1µF
0.1µF
0.47µF ±20%
>300MΩ INSULATION RESISTANCE
1nF
1nF
1nF
0.1µF
1nF
+
VCC
50Ω
50Ω
OPTICAL
TRANSCEIVER
MODULE
VCC
µC
I2C CONTROLLER
I2C CONTROLLER
VCC
VCC
1
TEST1
2
VCC
3
VREF
4
NIN
5
PIN
6
NC
7
NC
8
VEE
24
VCC
23
VEE
22
NC
21
SDA
20
SCK
19
SADDR5
18
VCC
17
VEE
EXPOSED PAD
TIED OFF TO
VEE PLANE
WITH VIAS
Figure 14. Typical Applications Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com