Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2805EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-ADN2805EBZ
Description  1.25 Gbps Clock and Data Recovery IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2805EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-ADN2805EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADN2805
Rev. 0 | Page 10 of 16
THEORY OF OPERATION
The ADN2805 is a delay- and phase-locked loop circuit for
clock recovery and data retiming from an NRZ encoded data
stream. The phase of the input data signal is tracked by two
separate feedback loops that share a common control voltage. A
high speed delay-locked loop path uses a voltage controlled
phase shifter to track the high frequency components of input
jitter. A separate phase control loop, comprised of the VCO,
tracks the low frequency components of input jitter. The initial
frequency of the VCO is set by yet a third loop, which compares
the VCO frequency with the input data frequency and sets the
coarse tuning voltage. The jitter tracking phase-locked loop
(PLL) controls the VCO by the fine-tuning control.
The delay and phase loops together track the phase of the input
data signal. For example, when the clock lags input data, the
phase detector drives the VCO to a higher frequency and
increases the delay through the phase shifter; both of these
actions serve to reduce the phase error between the clock and
data. The faster clock picks up phase, while simultaneously, the
delayed data loses phase. Because the loop filter is an integrator,
the static phase error is driven to zero.
Another view of the circuit is that the phase shifter implements
the zero required for frequency compensation of a second-order
phase-locked loop, and this zero is placed in the feedback path
and, thus, does not appear in the closed-loop transfer function.
Jitter peaking in a conventional second-order phase-locked loop
is caused by the presence of this zero in the closed-loop transfer
function. Because this circuit has no zero in the closed-loop
transfer, jitter peaking is minimized.
The delay and phase loops together simultaneously provide
wideband jitter accommodation and narrow-band jitter
filtering. The linearized block diagram in Figure 11 shows that
the jitter transfer function, Z(s)/X(s), is second-order low-pass,
providing excellent filtering. Note that the jitter transfer has no
zero, unlike an ordinary second-order phase-locked loop. This
means that the main PLL has virtually zero jitter peaking (see
Figure 12). This makes this circuit ideal for signal regenerator
applications where jitter peaking in a cascade of regenerators
can contribute to hazardous jitter accumulation.
The error transfer, e(s)/X(s), has the same high-pass form as an
ordinary phase-locked loop. This transfer function is free to be
optimized to give excellent wideband jitter accommodation
because the jitter transfer function, Z(s)/X(s), provides the
narrow-band jitter filtering.
X(s)
Z(s)
RECOVERED
CLOCK
e(s)
INPUT
DATA
d/sc
psh
o/s
1/n
d = PHASE DETECTOR GAIN
o = VCO GAIN
c = LOOP INTEGRATOR
psh = PHASE SHIFTER GAIN
n = DIVIDE RATIO
=
1
cn
do
s2
+
n psh
o
s+ 1
Z(s)
X(s)
JITTER TRANSFER FUNCTION
=
s2
s2
d psh
c
s
++
do
cn
e(s)
X(s)
TRACKING ERROR TRANSFER FUNCTION
Figure 11. ADN2805 PLL/DLL Architecture
ADN2805
Z(s)
X(s)
FREQUENCY (kHz)
JITTER PEAKING
IN ORDINARY PLL
o
n psh
d psh
c
Figure 12. ADN2805 Jitter Response vs. Conventional PLL
The delay and phase loops contribute to overall jitter accom-
modation. At low frequencies of input jitter on the data signal,
the integrator in the loop filter provides high gain to track large
jitter amplitudes with small phase error. In this case, the VCO is
frequency modulated and jitter is tracked as in an ordinary
phase-locked loop. The amount of low frequency jitter that can
be tracked is a function of the VCO tuning range. A wider
tuning range gives larger accommodation of low frequency
jitter. The internal loop control voltage remains small for small
phase errors; therefore, the phase shifter remains close to the
center of its range and thus contributes little to the low
frequency jitter accommodation.
At medium jitter frequencies, the gain and tuning range of the
VCO are not large enough to track input jitter. In this case, the
VCO control voltage becomes large and saturates, and the VCO
frequency dwells at either one extreme of its tuning range or at
the other. The size of the VCO tuning range, therefore, has only
a small effect on the jitter accommodation. As such, the delay-
locked loop control voltage is larger, and, consequently, the
phase shifter takes on the burden of tracking the input jitter.
The phase shifter range, in UI, can be seen as a broad plateau on
the jitter tolerance curve. The phase shifter has a minimum
range of 2 UI at all data rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com