Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADN2805EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # EVAL-ADN2805EBZ
Description  1.25 Gbps Clock and Data Recovery IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADN2805EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button EVAL-ADN2805EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADN2805EBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADN2805
Rev. 0 | Page 12 of 16
FUNCTIONAL DESCRIPTION
FREQUENCY ACQUISITION
The ADN2805 acquires frequency from the data at 1.25 Gbps.
The lock detector circuit compares the frequency of the VCO
and the frequency of the incoming data. When these frequen-
cies differ by more than 1000 ppm, LOL asserts. This initiates a
frequency acquisition cycle. An on-chip frequency-locked loop
(FLL) forces the frequency of the VCO to be approximately
equal to the frequency of the incoming data. LOL is deasserted
once the VCO frequency is within 250 ppm of the data frequency.
When LOL deasserts, the FLL turns off. The PLL/DLL pulls in
the VCO frequency until the VCO frequency equals the data
frequency.
The frequency loop requires a single external capacitor between
CF1 and CF2, Pin 15 and Pin 14. A 0.47 μF ± 20%, X7R ceramic
chip capacitor with <10 nA leakage current is recommended.
Calculate the leakage current of the capacitor by dividing the
maximum voltage across the 0.47 μF capacitor, ~3 V, by the
insulation resistance of the capacitor. The insulation resistance
of the 0.47 μF capacitor should be greater than 300 MΩ.
INPUT BUFFER
The input buffer has differential inputs (PIN/NIN), which are
internally terminated with 50 Ω to an on-chip voltage reference
(VREF = 2.5 V typically). The minimum differential input level
required to achieve a BER of 10−10 is 200 mV p-p.
LOCK DETECTOR OPERATION
The lock detector on the ADN2805 has three modes of
operation: normal mode, REFCLK mode, and static LOL mode.
Normal Mode
In normal mode, the ADN2805 locks onto 1.25 Gbps NRZ data
without the use of a reference clock as an acquisition aid. In this
mode, the lock detector monitors the frequency difference
between the VCO and the input data frequency, and deasserts
the loss-of-lock signal, which appears on Pin 16 (LOL) when
the VCO is within 250 ppm of the data frequency. This enables
the DLL/PLL, which pulls the VCO frequency in the remaining
amount and acquires phase lock. When locked, if the input
frequency error exceeds 1000 ppm (0.1%), the loss-of-lock
signal reasserts and control returns to the frequency loop,
which begins a new frequency acquisition. The LOL pin
remains asserted until the VCO locks onto a valid input data
stream to within 250 ppm frequency error. This hysteresis is
shown in Figure 13.
LOL
0
–250
250
1000
fVCO ERROR
(ppm)
–1000
1
Figure 13. Transfer Function of LOL
LOL Detector Operation Using a Reference Clock
In REFCLK mode, a reference clock is used as an acquisition aid
to lock the ADN2805 VCO. Lock-to-reference mode is enabled
by setting CTRLA[0] to 1. The user also needs to write to the
CTRLA[7:6] and CTRLA[5:2] bits to set the reference frequency
range and the divide ratio of the data rate with respect to the
reference frequency. In this mode, the lock detector monitors
the difference in frequency between the divided down VCO
and the divided down reference clock. The loss-of-lock signal,
which appears on Pin 16 (LOL), deasserts when the VCO is
within 250 ppm of the desired frequency. This enables the DLL/
PLL, which pulls the VCO frequency in the remaining amount
with respect to the input data and acquires phase lock. When
locked, if the input frequency error exceeds 1000 ppm (0.1%),
the loss-of-lock signal reasserts and control returns to the fre-
quency loop, which reacquires with respect to the reference
clock. The LOL pin remains asserted until the VCO frequency
is within 250 ppm of the desired frequency. This hysteresis is
shown in Figure 13.
Static LOL Mode
The ADN2805 implements a static LOL feature to indicate
whether a loss-of-lock condition has ever occurred and remains
asserted, even if the ADN2805 regains lock, until the static LOL
bit is manually reset. The I2C register bit, MISC[4], is the static
LOL bit. If there is ever an occurrence of a loss-of-lock condition,
this bit internally asserts to Logic high. The MISC[4] bit remains
high even after the ADN2805 has reacquired lock to a new data
rate. This bit can be reset by writing a 1 followed by 0 to I2C
Register Bit CTRLB[6]. When reset, the MISC[4] bit remains
deasserted until another loss-of-lock condition occurs.
Writing a 1 to I2C Register Bit CTRLB[7] causes the LOL pin,
Pin 16, to become a static LOL indicator. In this mode, the LOL
pin mirrors the contents of the MISC[4] bit and has the function-
ality described in the previous paragraph.
The CTRLB[7] bit defaults to 0. In this mode, the LOL pin
operates in the normal operating mode, that is, it asserts only
when the ADN2805 is in acquisition mode and deasserts when
the ADN2805 reacquires lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com