Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 22 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 22 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 18Page - Analog Devices SSM2602 Datasheet HTML 19Page - Analog Devices SSM2602 Datasheet HTML 20Page - Analog Devices SSM2602 Datasheet HTML 21Page - Analog Devices SSM2602 Datasheet HTML 22Page - Analog Devices SSM2602 Datasheet HTML 23Page - Analog Devices SSM2602 Datasheet HTML 24Page - Analog Devices SSM2602 Datasheet HTML 25Page - Analog Devices SSM2602 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
SSM2602
Rev. 0 | Page 22 of 32
RIGHT-CHANNEL ADC INPUT VOLUME, ADDRESS 0x01
Table 14. Right-Channel ADC Input Volume Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
RLINBOTH
RINMUTE
0
RINVOL [5:0]
Table 15. Descriptions of Right-Channel ADC Input Volume Register Bits
Bit Name
Description
Settings
RLINBOTH
Right-to-left line input ADC data load control
0 = disable simultaneous loading of right-channel ADC data to left-
channel register (default)
1 = enable simultaneous loading of right-channel ADC data to left-
channel register
RINMUTE
Right-channel input mute
0 = disable mute
1 = enable mute on data path to ADC (default)
RINVOL [5:0]
Right-channel PGA volume control
00 0000 = −34.5 dB
… 1.5 dB step up
01 0111 = 0 dB (default)
… 1.5 dB step up
01 1111 = 12 dB
10 0000 = 13.5 dB
10 0001 = 15 dB
10 0010 = 16.5 dB
10 0011 = 18 dB
10 0100 = 19.5 dB
10 0101 = 21 dB
10 0110 = 22.5 dB
10 0111 = 24 dB
10 1000 = 25.5 dB
10 1001 = 27 dB
10 1010 = 28.5 dB
10 1011 = 30 dB
10 1100 = 31.5 dB
10 1101 = 33 dB
11 1111 to 10 1101 = 33 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com