Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 32 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 32 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 24Page - Analog Devices SSM2602 Datasheet HTML 25Page - Analog Devices SSM2602 Datasheet HTML 26Page - Analog Devices SSM2602 Datasheet HTML 27Page - Analog Devices SSM2602 Datasheet HTML 28Page - Analog Devices SSM2602 Datasheet HTML 29Page - Analog Devices SSM2602 Datasheet HTML 30Page - Analog Devices SSM2602 Datasheet HTML 31Page - Analog Devices SSM2602 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
SSM2602
Rev. 0 | Page 32 of 32
OUTLINE DIMENSIONS
3.40
3.30 SQ
3.20
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-1
TOP VIEW
5.00
BSC SQ
0.50
0.40
0.30
3.00 REF
PIN 1
INDICATOR
4.75
BSC SQ
COPLANARITY
0.05
1
28
7
8
22
21
14
15
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
SEATING
PLANE
0.30
0.23
0.18
PIN 1
INDICATOR
0.50
BSC
0.60 MAX
0.60
MAX
Figure 33. 28-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
5 mm × 5 mm Body, Very Thin Quad
(CP-28-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
SSM2602CPZ-R21
−40°C to +85°C
28-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-28-4
SSM2602CPZ-REEL1
−40°C to +85°C
28-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-28-4
SSM2602CPZ-REEL71
−40°C to +85°C
28-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-28-4
SSM2602-EVALZ1
Evaluation Board
1 Z = RoHS Compliant Part.
©2008 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06858-0-2/08(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com