Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 24 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 24 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 20Page - Analog Devices SSM2602 Datasheet HTML 21Page - Analog Devices SSM2602 Datasheet HTML 22Page - Analog Devices SSM2602 Datasheet HTML 23Page - Analog Devices SSM2602 Datasheet HTML 24Page - Analog Devices SSM2602 Datasheet HTML 25Page - Analog Devices SSM2602 Datasheet HTML 26Page - Analog Devices SSM2602 Datasheet HTML 27Page - Analog Devices SSM2602 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
SSM2602
Rev. 0 | Page 24 of 32
ANALOG AUDIO PATH, ADDRESS 0x04
Table 20. Analog Audio Path Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
MICBOOST2
SIDETONE_ATT [1:0]
SIDETONE_EN
DACSEL
BYPASS
INSEL
MUTEMIC
MICBOOST
Table 21. Descriptions of Analog Audio Path Register Bits
Bit Name
Description
Settings
MICBOOST2
Additional microphone amplifier gain booster control.
0 = 0 dB (default)
1 = 20 dB
SIDETONE_ATT [1:0]
Microphone sidetone gain control.
00 = −6 dB (default)
01 = −9 dB
10 = −12 dB
11 = −15 dB
SIDETONE_EN
0 = sidetone disable (default)
Sidetone enable. Allow attenuated microphone signal to
be mixed at device output terminal.
1 = sidetone enable
DACSEL
0 = do not select DAC (default)
DAC select. Allow DAC output to be mixed at device
output terminal.
1 = select DAC
BYPASS
0 = bypass disable
Bypass select. Allow line input signal to be mixed at
device output terminal.
1 = bypass enable (default)
INSEL
Line input or microphone input select to ADC.
0 = line input select to ADC (default)
1 = microphone input select to ADC
MUTEMIC
Microphone mute control to ADC.
0 = mute on data path to ADC disable
1 = mute on data path to ADC enable (default)
MICBOOST
Primary microphone amplifier gain booster control.
0 = 0 dB (default)
1 = 20 dB
DIGITAL AUDIO PATH, ADDRESS 0x05
Table 22. Digital Audio Path Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
HPOR
DACMU
DEEMPH [1:0]
ADCHPF
Table 23. Descriptions of Digital Audio Path Register Bits
Bit Name
Description
Settings
HPOR
Store dc offset when high-pass filter is disabled
0 = clear offset (default)
1 = store offset
DACMU
DAC digital mute
0 = no mute (signal active)
1 = mute (default)
DEEMPH [1:0]
De-emphasis control
00 = no de-emphasis (default)
01 = 32 kHz sampling rate
10 = 44.1 kHz sampling rate
11 = 48 kHz sampling rate
ADCHPF
ADC high-pass filter control
0 = ADC high-pass filter enable (default)
1 = ADC high-pass filter disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com