Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 27 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 27 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 23Page - Analog Devices SSM2602 Datasheet HTML 24Page - Analog Devices SSM2602 Datasheet HTML 25Page - Analog Devices SSM2602 Datasheet HTML 26Page - Analog Devices SSM2602 Datasheet HTML 27Page - Analog Devices SSM2602 Datasheet HTML 28Page - Analog Devices SSM2602 Datasheet HTML 29Page - Analog Devices SSM2602 Datasheet HTML 30Page - Analog Devices SSM2602 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
SSM2602
Rev. 0 | Page 27 of 32
Table 31. Sampling Rate Lookup Table, USB Disabled (Normal Mode)
MCLK (CLKDIV2 = 0)
MCLK (CLKDIV2 = 1)
ADC Sampling Rate
(RECLRC)
DAC Sampling Rate
(PBLRC)
USB
SR [3:0]
BOSR
BCLK (MS = 1)1
8 kHz (MCLK/1536)
8 kHz (MCLK/1536)
0
0011
0
MCLK/4
8 kHz (MCLK/1536)
48 kHz (MCLK/256)
0
0010
0
MCLK/4
12 kHz (MCLK/1024)
12 kHz (MCLK/1024)
0
0100
0
MCLK/4
16 kHz (MCLK/768)
16 kHz (MCLK/768)
0
0101
0
MCLK/4
24 kHz (MCLK/512)
24 kHz (MCLK/512)
0
1110
0
MCLK/4
32 kHz (MCLK/384)
32 kHz (MCLK/384)
0
0110
0
MCLK/4
48 kHz (MCLK/256)
8 kHz (MCLK/1536)
0
0001
0
MCLK/4
48 kHz (MCLK/256)
48 kHz (MCLK/256)
0
0000
0
MCLK/4
12.288 MHz
24.576 MHz
96 kHz (MCLK/128)
96 kHz (MCLK/128)
0
0111
0
MCLK/2
8.0182 kHz (MCLK/1408)
8.0182 kHz (MCLK/1408)
0
1011
0
MCLK/4
8.0182 kHz (MCLK/1408)
44.1 kHz (MCLK/256)
0
1010
0
MCLK/4
11.025 kHz (MCLK/1024)
11.025 kHz (MCLK/1024)
0
1100
0
MCLK/4
22.05 kHz (MCLK/512)
22.05 kHz (MCLK/512)
0
1101
0
MCLK/4
44.1 kHz (MCLK/256)
8.0182 kHz (MCLK/1408)
0
1001
0
MCLK/4
44.1 kHz (MCLK/256)
44.1 kHz (MCLK/256)
0
1000
0
MCLK/4
11.2896 MHz
22.5792 MHz
88.2 kHz (MCLK/128)
88.2 kHz (MCLK/128)
0
1111
0
MCLK/2
8 kHz (MCLK/2304)
8 kHz (MCLK/2304)
0
0011
1
MCLK/6
8 kHz (MCLK/2304)
48 kHz (MCLK/384)
0
0010
1
MCLK/6
12 kHz (MCLK/1536)
12 kHz (MCLK/1536)
0
0100
1
MCLK/6
16 kHz (MCLK/1152)
16 kHz (MCLK/1152)
0
0101
1
MCLK/6
24 kHz (MCLK/768)
24 kHz (MCLK/768)
0
1110
1
MCLK/6
32 kHz (MCLK/576)
32 kHz (MCLK/576)
0
0110
1
MCLK/6
48 kHz (MCLK/384)
48 kHz (MCLK/384)
0
0000
1
MCLK/6
48 kHz (MCLK/384)
8 kHz (MCLK/2304)
0
0001
1
MCLK/6
18.432 MHz
36.864 MHz
96 kHz (MCLK/192)
96 kHz (MCLK/192)
0
0111
1
MCLK/3
8.0182 kHz (MCLK/2112)
8.0182 kHz (MCLK/2112)
0
1011
1
MCLK/6
8.0182 kHz (MCLK/2112)
44.1 kHz (MCLK/384)
0
1010
1
MCLK/6
11.025 kHz (MCLK/1536)
11.025 kHz (MCLK/1536)
0
1100
1
MCLK/6
22.05 kHz (MCLK/768)
22.05 kHz (MCLK/768)
0
1101
1
MCLK/6
44.1 kHz (MCLK/384)
8.0182 kHz (MCLK/2112)
0
1001
1
MCLK/6
44.1 kHz (MCLK/384)
44.1 kHz (MCLK/384)
0
1000
1
MCLK/6
16.9344 MHz
33.8688 MHz
88.2 kHz (MCLK/192)
88.2 kHz (MCLK/192)
0
1111
1
MCLK/3
1 BCLK frequency is for master mode and slave right-justified mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com