Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 30 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 30 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 24Page - Analog Devices SSM2602 Datasheet HTML 25Page - Analog Devices SSM2602 Datasheet HTML 26Page - Analog Devices SSM2602 Datasheet HTML 27Page - Analog Devices SSM2602 Datasheet HTML 28Page - Analog Devices SSM2602 Datasheet HTML 29Page - Analog Devices SSM2602 Datasheet HTML 30Page - Analog Devices SSM2602 Datasheet HTML 31Page - Analog Devices SSM2602 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
SSM2602
Rev. 0 | Page 30 of 32
ALC CONTROL 1, ADDRESS 0x10
Table 37. ALC Control 1 Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALCSEL [1:0]
MAXGAIN [2:0]
ALCL [[3:0]
Table 38. Descriptions of ALC Control 1 Register Bits
Bit Name
Description
Settings
ALCSEL [1:0]
ALC select
00 = ALC disabled (default)
01 = ALC enabled on right channel only
10 = ALC enabled on left channel only
11 = ALC enabled on both channels
MAXGAIN [2:0]
PGA maximum gain
000 = −12 dB
001 = −6 dB
… 6 dB steps up to
111 = 30 dB (default)
ALCL [3:0]
ALC target level
0000 = −28.5 dBFS
0001 = −27 dBFS
…
1011 = −12 dBFS (default)
… 1.5 dB steps up to
1111 = −6 dBFS
ALC CONTROL 2, ADDRESS 0x11
Table 39. ALC Control 2 Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
DCY [3:0]
ATK [3:0]
Table 40. Descriptions of ALC Control 2 Register Bits
Bit Name
Description
Settings
DCY [3:0]
Decay (release) time control
0000 = 24 ms
0001 = 48 ms
0010 = 96 ms
0011 = 192 ms (default)
… (Time doubles with every step)
1010 = 24.576 sec
ATK [3:0]
ALC attack time control
0000 = 6 ms
0001 = 12 ms
0010 = 24 ms (default)
… (Time doubles with every step)
1010 = 6.144 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com