Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB06F7050/AA Datasheet(PDF) 33 Page - Positronic.

Part # PLB06F7050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Datasheet(HTML) 33 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 29Page - Positronic. PLB06F7050/AA Datasheet HTML 30Page - Positronic. PLB06F7050/AA Datasheet HTML 31Page - Positronic. PLB06F7050/AA Datasheet HTML 32Page - Positronic. PLB06F7050/AA Datasheet HTML 33Page - Positronic. PLB06F7050/AA Datasheet HTML 34Page - Positronic. PLB06F7050/AA Datasheet HTML 35Page - Positronic. PLB06F7050/AA Datasheet HTML 36Page - Positronic. PLB06F7050/AA Datasheet HTML 37Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
27
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
SAFETY SHROUD
CONNECTOR
Safety Shrouded Connector
to Prevent Unsafe Exposure
to High Energy Circuits
* Size 12 Power Contacts
* Large Surface Area Mating System
* Discriminating Locking System
* Contact Current Rating to
40 Amperes
*Board - Cable / Cable - Cable
TECHNICAL CHARACTERISTICS
MATERIALS AND FINISHES:
Insulator:
Glass-filled polyester, UL 94V-0.
Contact technical sales for availability
of high temperature insulator material.
Contacts:
Precision machined copper alloy with
gold flash over nickel, or 0.000030 inch
[0.76µ] gold over nickel, or 0.000050
[1.27µ] gold over nickel. Solder coated
terminations optional.
Push-on Fastener:
Spring tempered copper alloy, tin plate.
ELECTRICAL CHARACTERISTICS:
Contact Current Rating:
40 amperes continuous,
derated per IEC 60512-3, test 5b.
Higher currents available with high
conductivity contacts, contact
Technical Sales
Initial Contact Resistance: 0.001 ohms max. per IEC 60512-2,
test 2b.
Insulation Resistance:
5 G ohms per IEC 60512-2, test 3a.
Voltage Proof:
3,000 minimum V r.m.s. per IEC
60512-2, test 4a, method A.
Clearance and
Creepage Distance:
0.220 [5.60] minimum
Working Voltage:
600 minimum V. r.m.s.
Hot Pluggable [50
couplings per UL 1977
paragraph 15]:
250 VAC at 20 amperes
Working Temperature:
-55˚C to +125˚C
Contact technical sales for availability
of high temperature insulator material.
MECHANICAL CHARACTERISTICS:
Removable Contacts:
Rear insertion/ front release. Female
contact features “Closed Entry” design
for highest reliability. 0.094 [2.39] diam-
eter male contact.
Removable Contact
Retention in Insulator:
15 lbs. [67N] per IEC 60512-8, test 15a.
Fixed Contacts:
Printed board terminations, both
straight and 90˚. Female contact
features “Closed Entry” design for
highest reliability. 0.094 [2.39] diameter
male contact.
Fixed Contact
Retention in Insulator:
15 lbs. [67N], minimum.
Resistance to Soldering
Iron Heat:
500˚F [260˚C] for 10 seconds duration
per IEC 60512-6, test 12e, 25 watt
soldering iron.
Contact Terminations:
Crimp removable contacts for wire size
12 AWG [4.0 mm2 ]. Straight and right
angle (90°)solder printed board mount,
0.090 [2.29] tail diameter.
Connection Systems:
Cable to cable, cable to printed board
and cable to panel mount.
Locking System:
Insulators provide locking between
cable to cable, cable to printed board
and cable to panel mount applications.
Polarization:
Provided in insulator design.
Mounting to P.C. Board:
Rapid installation push-on
fasteners.
Mechanical Operations:
500 operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com