Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB06F7050/AA Datasheet(PDF) 46 Page - Positronic.

Part # PLB06F7050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Datasheet(HTML) 46 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 42Page - Positronic. PLB06F7050/AA Datasheet HTML 43Page - Positronic. PLB06F7050/AA Datasheet HTML 44Page - Positronic. PLB06F7050/AA Datasheet HTML 45Page - Positronic. PLB06F7050/AA Datasheet HTML 46Page - Positronic. PLB06F7050/AA Datasheet HTML 47Page - Positronic. PLB06F7050/AA Datasheet HTML 48Page - Positronic. PLB06F7050/AA Datasheet HTML 49Page - Positronic. PLB06F7050/AA Datasheet HTML 50Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
40
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
Test conducted in accordance with UL1977.
All power contacts under load.
10W2:
Curve developed using PLB10W2F9300A1 and
PLB10W2M0000 connectors with MC4008D contacts
terminated to 8 AWG wire .
16W4:
Curve developed using PLC16W4F9300A1 and
PLC16W4M0000 connectors with MC4008D contacts
terminated to 8 AWG wire.
100
90
80
70
60
50
40
30
20
10
0
0
10 20 30 40 50 60 70 80 90 100 110 120
TEMPERATURE RISE (ºC)
PLB10W2
STANDARD
CONTACTS
PLC16W4
STANDARD
CONTACTS
Test conducted in accordance with UL1977.
All power contacts under load.
10W2:
Curve developed using PLBH10W2F9300A1 and
PLB10W2M0000 connectors with MC4008DS contacts
terminated to 8 AWG wire .
16W4:
Curve developed using PLCH16W4F9300A1 and
PLC16W4M0000 connectors with MC4008DS contacts
terminated to 8 AWG wire.
100
90
80
70
60
50
40
30
20
10
0
0
10 20 30 40 50 60 70 80 90 100 110 120
TEMPERATURE RISE (ºC)
PLBH10W2
HIGH CONDUCTIVITY
CONTACTS
PLCH16W4
HIGH CONDUCTIVITY
CONTACTS
TEMPERATURE RISE CURVES
STANDARD CONTACT MATERIAL
HIGH CONDUCTIVITY CONTACT MATERIAL
MECHANICAL CHARACTERISTICS, CONTINUED:
POWER CONTACTS:
Removable:
Insert contact to rear face of
insulator, release from front face of
insulator. Size 8 contacts, 0.142 inch
[3.61 mm] diameter male contacts,
closed entry design female contacts.
Printed Board Mount:
Straight solder, right angle (90°)
solder and straight compliant press-
in printed board mount terminations.
Size 8 contacts, 0.142 inch [3.61
mm] male contacts, closed entry
design female contacts.
SHIELDED CONTACTS:
Removable:
Insert contact to rear face of
insulator, release from front face of
insulator. Size 8 contacts. See page
53 table of cable sizes for contact
termination dimensions.
HIGH VOLTAGE CONTACTS:
Removable:
Insert contact to rear face of
insulator, release from front face of
insulator.
Size 8 contacts. Straight and right
angle (90°) terminations. 0.041 inch
[1.04 mm] minimum hole diameter.
Contact Terminations:
20-24 AWG [0.5-0.25mm2] removable
crimp signal, 0.028 inch [0.71 mm]
diameter straight and right angle
(90°) solder printed board mount,
8-16 AWG [10.0-1.0mm2] removable
solder and crimp power, 0.125 inch
[3.18 mm] diameter straight and
right angle (90°) solder printed board
mount, power, shielded, high voltage
cable, and straight compliant press-in
terminations.
Contact Retention
in Insulator:
Fixed signal - 9 lbs. [40 N].
Removable Signal - 10 lbs. [44N].
Power, shielded and high voltage -
22 lbs. [98 N].
Resistance to
Solder Iron Heat:
500° F [260° C] for 10 second
duration per IEC 60512-6, test 12e,
25 watt soldering iron.
Connection Systems:
Connector provides cable to cable,
cable to printed board, cable to
panel mount and printed board to
printed board application.
Locking System:
Insulators provide locking between
cable to cable, cable to printed
board and cable to panel mount
applications.
Polarizations:
Provided in insulator design.
Mounting to Printed Board:
Rapid installation push-on fasteners.
Self-tapping screws for compliant
connectors.
Mechanical Operations:
500 operations per IEC 60512-5.
continued from previous page . . .
TECHNICAL INFORMATION AND
TEMPERATURE RISE CURVES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com