Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB06F7050/AA Datasheet(PDF) 55 Page - Positronic.

Part # PLB06F7050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Datasheet(HTML) 55 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 51Page - Positronic. PLB06F7050/AA Datasheet HTML 52Page - Positronic. PLB06F7050/AA Datasheet HTML 53Page - Positronic. PLB06F7050/AA Datasheet HTML 54Page - Positronic. PLB06F7050/AA Datasheet HTML 55Page - Positronic. PLB06F7050/AA Datasheet HTML 56Page - Positronic. PLB06F7050/AA Datasheet HTML 57Page - Positronic. PLB06F7050/AA Datasheet HTML 58Page - Positronic. PLB06F7050/AA Datasheet HTML 59Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
REMOVABLE CRIMP CONTACT
FOR USE WITH PCS SERIES CONNECTORS
CONTACTS MUST BE ORDERED SEPARATELY
SIZE 16
Power
Connection
Systems
Positronic
connectpositronic.com
49
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
REMOVABLE CRIMP AND
SOLDER CUPCONTACT
SIZE 16
See page 9 for
current ratings.
For information regarding
CRIMP TOOLS & CRIMPING TOOL TECHNIQUES, see page 54
.
Ø0.0625
[1.588]
ØB±0.003
[0.08]
ØA±0.003
[0.08]
0.764±0.020 [19.41±0.51]
0.255±0.020
[6.48±0.51]
0.065 [1.65]
ØB±0.003
[0.08]
ØA±0.003
[0.08]
O.A.L.±0.020[±0.51]
0.255±0.020
[6.48±0.51]
0.065 [1.65]
Ø0.0625
[1.588]
ØB±0.003
[0.08]
ØA±0.003
[0.08]
0.764±0.020 [19.41±0.51]
0.255±0.020
[6.48±0.51]
0.065 [1.65]
ØB±0.003
[0.08]
ØA±0.003
[0.08]
0.764±0.020 [19.41±0.51]
0.255±0.020
[6.48±0.51]
0.065 [1.65]
FEMALE CONTACT
“CLOSED ENTRY” DESIGN
MALE CONTACT
FEMALE CONTACT
“CLOSED ENTRY” DESIGN
MALE CONTACT
PART
NUMBERS
WIRE SIZE
AWG/[mm2]
ØA
ØB
FC112N2
12 [4.0]
0.098 [2.49]
N/A
FC112N2S
12 [4.0]
0.098 [2.49]
N/A
FC114N2
14-16 [2.5-1.5]
0.081 [2.06]
0.105 [2.67]
FC116N2
16-18 [1.5-1.0]
0.067 [1.70]
0.093 [2.36]
FC120N2
20-22-24
[0.5-0.3-0.25]
0.045 [1.14]
0.068 [1.73]
PART
NUMBERS
WIRE SIZE
AWG/[mm2]
ØA
ØB
OAL
MC112N
12 [4.0]
0.098 [2.49]
N/A
0.764 [19.41]
MC112NS
12 [4.0]
0.098 [2.49]
N/A
0.764 [19.41]
*MC112N-133.0
12 [4.0]
0.098 [2.49]
N/A
0.684 [17.37]
*MC112N-.133.1
12 [4.0]
0.098 [2.49]
N/A
0.724 [18.39]
*MC112N-133.2
12 [4.0]
0.098 [2.49]
N/A
0.744 [18.90]
*MC112N-133.3
12 [4.0]
0.098 [2.49]
N/A
0.804 [20.42]
MC114N
14-16 [2.5-1.5] 0.081 [2.06] 0.105 [2.67] 0.764 [19.41]
MC116N
16-18 [1.5-1.0] 0.067 [1.70] 0.093 [2.36] 0.764 [19.41]
*MC116N-133.0 16-18 [1.5-1.0] 0.067 [1.70] 0.093 [2.36] 0.684 [17.37]
*MC116N-.133.1 16-18 [1.5-1.0] 0.067 [1.70] 0.093 [2.36] 0.724 [18.39]
*MC116N-133.2 16-18 [1.5-1.0] 0.067 [1.70] 0.093 [2.36] 0.744 [18.90]
*MC116N-133.3 16-18 [1.5-1.0] 0.067 [1.70] 0.093 [2.36] 0.804 [20.42]
MC120N
20-22-24
[0.5-0.3-0.25]
0.045 [1.14] 0.068 [1.73] 0.764 [19.41]
REMOVABLE SOLDER CUP CONTACT
FOR USE WITH PCS SERIES CONNECTORS
CONTACTS MUST BE ORDERED SEPARATELY
SIZE 16
“S” in
part number
indicates high
conductivity
material.
Compatible
with PL*H
PCB mount
connectors.
See ordering
information.
PART
NUMBERS
WIRE SIZE
AWG/[mm2]
ØA
ØB
FS112N2
12 [4.0]
0.098 [2.49]
N/A
FS112N2S
12 [4.0]
0.098 [2.49]
N/A
FS114N2
14 [2.5]
0.081 [2.06]
0.105 [2.67]
FS116N2
16 [1.5]
0.067 [1.70]
0.093 [2.36]
FS120N2
20 [0.5]
0.045 [1.14]
0.068 [1.73]
PART
NUMBERS
WIRE SIZE
AWG/[mm2]
ØA
ØB
MS112N
12 [4.0]
0.098 [2.49]
N/A
MS112NS
12 [4.0]
0.098 [2.49]
N/A
MS114N
14 [2.5]
0.081 [2.06]
0.105 [2.67]
MS116N
16 [1.5]
0.067 [1.70]
0.093 [2.36]
MS120N
20 [0.5]
0.045 [1.14]
0.068 [1.73]
“S” in
part number
indicates high
conductivity
material.
Compatible
with PL*H
PCB mount
connectors.
See ordering
information.
See page 9 for
current ratings.
* indicates Sequential mate contacts,
see page 25 for more information
regarding Sequential Mating System.
Note: Connectors can be kitted
with all applicable crimp/
solder contacts, con-
tact Technical Sales for
connector part number.
Note: Connectors can be kitted
with all applicable crimp/
solder contacts, con-
tact Technical Sales for
connector part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com