Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB06F7050/AA Datasheet(PDF) 44 Page - Positronic.

Part # PLB06F7050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Datasheet(HTML) 44 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 40Page - Positronic. PLB06F7050/AA Datasheet HTML 41Page - Positronic. PLB06F7050/AA Datasheet HTML 42Page - Positronic. PLB06F7050/AA Datasheet HTML 43Page - Positronic. PLB06F7050/AA Datasheet HTML 44Page - Positronic. PLB06F7050/AA Datasheet HTML 45Page - Positronic. PLB06F7050/AA Datasheet HTML 46Page - Positronic. PLB06F7050/AA Datasheet HTML 47Page - Positronic. PLB06F7050/AA Datasheet HTML 48Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
38
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
STEP 3 - CONNECTOR GENDER
M - Male
F - Female
1
2
3
4
5
6
7
8
PLB
3W3
F
3
0
0
A1
/AA
9
ORDERING INFORMATION - CODE NUMBERING SYSTEM
Specify Complete Connector By Selecting An Option From Step 1 Through 7
STEP 1 - BASIC SERIES
PLB - PLB Series
PLBH - High conductivity
contacts.
STEP 9 - SPECIAL OPTIONS
-338.0 - Sequential mating.
Position 3 first mate,
last break. Available
on 3, 4, and 93 only.
CONTACT TECHNICAL SALES
FOR SPECIAL OPTIONS
STEP 6 - CABLE ADAPTER AND BLIND MATE SYSTEM
0 - None.
5 - Top Opening Hood.
11 - Blind Mating System for 0.040 [1.02] thick panel.
12 - Blind Mating System for 0.060 [1.52] thick panel.
13 - Blind Mating System for 0.090 [2.29] thick panel.
14 - Blind Mating System for 0.120 [3.05] thick panel.
STEP 5 - MOUNTING STYLE
0
- None
B
- Metal Right Angle (90°) Mounting Bracket.
BN - Metal Right Angle (90°) Mounting Bracket with Push-on
Fastener.
N
- Push-On Fastener For Straight Printed Board Mount
Connectors
ST2 - Self-tapping steel screws 2-28 x 0.250±0.030 [6.35±0.76]
length for 0.093 [2.36] thick board.
ST3 - Self-tapping steel screws 2-28 x 0.312±0.030 [7.92±0.76]
length for 0.125 [3.18] thick board.
ST4 - Self-tapping steel screws 2-28 x 0.375±0.030 [9.53±0.76]
length for 0.175 [4.45] thick board.
SS2 - Self-tapping stainless steel screws 2-28 x 0.250±0.030
[6.35±0.76] length for 0.093 [2.36] thick board.
SS3 - Self-tapping stainless steel screws 2-28 x 0.312±0.030
[7.92±0.76] length for 0.125 [3.18] thick board.
SS4 - Self-tapping stainless steel screws 2-28 x 0.375±0.030
[9.53±0.76] length for 0.175 [4.45] thick board.
STEP 4 - CONTACT TERMINATION TYPE
0 -
Order contacts separately for cable connectors for
connection systems 5, 6, 7, 8 and 9, see pages
47-53.
*1
1 - Removable contact, panel mount connector for
connection system 8. Order contacts separately,
see pages 47-53.
*1
3 - Solder, Straight Printed Board Mount with 0.146
[3.71] tail extension for connection systems 1, 4,
and 6.
4 -
Solder, Right Angle (90°) Printed Board Mount
with 0.146 [3.71] tail extension for connection
systems 1, 2 and 5.
71 -
Screw termination cable connector. Supplied
with 3 contacts.
*1
93 - Press-in, Compliant Termination for 0.090 [2.29]
to 0.175 [4.45] thick P.C. board, for connector
systems 1, 4, and 6.
STEP 2 - CONNECTOR VARIANTS
3W3 - Three size 12 contacts
STEP
EXAMPLE
STEP 8 - ENVIRONMENTAL
COMPLIANCE
OPTIONS
/AA - RoHS Compliant)
STEP 7 - CONTACT PLATING FOR PRINTED
BOARD CONNECTORS
0 - Crimp Contacts ordered separately, see
pages 47-53.
A1 - Gold flash over nickel on mating end and
termination end.
A2 - Gold flash over nickel on mating end and
0.00020 inch [5.00µ] tin-lead solder coat on
termination end. Not available with contact
code 71 or 93.
C1 - 0.000030 inch [0.76µ] gold over nickel on
mating end and termination end.
C2 - 0.000030 inch [0.76µ] gold over nickel on
mating end and 0.00020 inch [5.00µ] tin-
lead solder coated termination end. Not
available with contact code 71 or 93.
D1 - 0.000050 inch [1.27µ] gold over nickel on
mating end and termination end.
D2 - 0.000050 inch [1.27µ] gold over nickel on
mating end and 0.00020 inch [5.00µ] tin-
lead solder coated termination end. Not
available with contact code 71 or 93.
NOTE: If compliance to environmental
legislation is not required, this step will not
be used. Example: PLB3W3F300A1
POWER INPUT CONNECTOR
ORDERING INFORMATION
*1 Mounting screws are available with code 1, 3 and 93. To order mounting
screws separately, see page 59 for part numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com