Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLB06F7050/AA Datasheet(PDF) 10 Page - Positronic.

Part # PLB06F7050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB06F7050/AA Datasheet(HTML) 10 Page - Positronic.

Back Button PLB06F7050/AA Datasheet HTML 6Page - Positronic. PLB06F7050/AA Datasheet HTML 7Page - Positronic. PLB06F7050/AA Datasheet HTML 8Page - Positronic. PLB06F7050/AA Datasheet HTML 9Page - Positronic. PLB06F7050/AA Datasheet HTML 10Page - Positronic. PLB06F7050/AA Datasheet HTML 11Page - Positronic. PLB06F7050/AA Datasheet HTML 12Page - Positronic. PLB06F7050/AA Datasheet HTML 13Page - Positronic. PLB06F7050/AA Datasheet HTML 14Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
4
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
DEMYSTIFYING CURRENT RATINGS
Connector current ratings seem to be shrouded in mystery at times. The user wonders how a listed current rating
is relevant to a particular application. Perhaps more mysterious is how similar connectors from various manufactur-
ers list different current rating values. While it is true that material choices and design can enhance a connector’s
current rating, the test method by which the rating was developed must be understood when evaluations are made.
Users of connectors for power applications are entitled to current rating test details in order to make an informed
choice. Ideally, a connector’s current rating should be developed within the application for which it is being consid-
ered. Although ideal, this approach is not always practical given the many differing applications. In order for con-
nector manufacturers to give potential product users an idea of what can be expected, connectors are given current
ratings based on a specific test method.
A wide variety of test methods are employed in order to develop current ratings for connectors. Some of these
methods come from standards that are recognized industry-wide, while others are unique to the manufacturer or
user. These various test methods can produce different results for the same product. It is no wonder confusion
sometimes results.
There are key factors that, when understood, can help in choosing the right power connector. All test methods
used to rate current have similarities; however, there are variables in applying the test methods which explain differ-
ing results.
Current ratings are usually established by first developing a temperature rise curve. This curve plots temperature
rise against increasing current levels. The curve is a reliable tool in understanding heat generation of the connector
at various currents. When a defined failure is reached, the test ends. The highest current level achieved is usually
listed as the current rating.
The temperature rise curve, and therefore the current rating, will change when certain key factors are varied.
These are:
l
Where is the temperature sensing probe placed? If placed on the contact in the mating
area (the hottest spot), the results will be quite different than if placed on the outside of the
connector body.
l
Are the contacts being tested and rated in free air or are they contained within the
connector housing? Contacts will obviously be cooler in free air.
l
Are all of the contacts in the connector under load? If only part of the contacts
are under load, the temperature rise could be less.
l
What is the defined failure? Does the test end when the temperature rise reaches 30°C,
40°C, or some other number? Does it end when the temperature rise plus ambient tempera-
ture equal the operating limit of the connector housing? The current rating will be fixed by
the defined failure point.
l
How were the test samples prepared? Were the samples energized through a printed circuit
board? How many layers? How large were the traces? What was the weight of the cop-
per? Were the samples energized through wire? What size was the wire? How long was
the wire? Was the sample tested in static or forced air conditions? All of these factors can
affect cooling characteristics.
Clearly, a current rating value alone is not enough, and must be viewed in the context of the test used to develop
the rating. When the test method is understood, evaluating and comparing power connectors for specific applica-
tions becomes much less of a mystery.
DEMYSTIFYING
CURRENT RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com