Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF8-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 4 Page - Analog Devices

  ADE7566ASTZF8-RL Datasheet HTML 1Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 2Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 3Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 4Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 5Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 6Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 7Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 8Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 4 of 144
GENERAL DESCRIPTION
The ADE7566/ADE7569/ADE7166/ADE71691 integrate Analog
Devices, Inc., energy (ADE) metering IC analog front end and
fixed function DSP solution with an enhanced 8052 MCU core,
an RTC, an LCD driver, and all the peripherals to make an
electronic energy meter with an LCD display in a single part.
such as SAG, peak, and zero crossing are included in the energy
measurement DSP to simplify energy meter design.
The microprocessor functionality includes a single-cycle 8052 core,
a real-time clock with a power supply backup pin, a UART, and an
SPI or I2C® interface. The ready-to-use information from the
ADE core reduces the program memory size requirement, making
it easy to integrate complicated design into 16 kB of flash
memory.
The ADE measurement core includes active, reactive, and apparent
energy calculations, as well as voltage and current rms measure-
ments. This information is ready to use for energy billing by using
built-in energy scalars. Many power line supervisory features
The ADE7566/ADE7569/ADE7166/ADE7169 also include a
108-/104-segment LCD driver. This driver generates voltages
capable of driving LCDs up to 5 V.
1 Patents pending.
FUNCTIONAL BLOCK DIAGRAMS
IP
IN
VP
VN
ENERGY
MEASUREMENT
DSP
OSC
COM0
...
...
COM3
LDO
3V/5V LCD
CHARGE PUMP
SINGLE
CYCLE
8052
MCU
ADE7566/ADE7569
FP26
VBAT
DGND
AGND
UART
SERIAL
PORT
LCDVA
LCDVB
LCDVC
FP0
FP15
RTC
LCDVP1
LCDVP2
FP16
FP17
FP23
FP22
FP21
FP20
FP19
FP18
FP25
FP24
P2.0 (FP18)
P2.1 (FP17)
P2.2 (FP16)
P2.3 (SDEN)
1.20V
REF
52
53
55
49
50
63
54
58
64
61
60
62
56
51
44
36
37
46
47
48
45
5
6
7
8
9
10
11
12
13
14
20
35
1
4
15
17
18
16
19
44
14
13
12
57
43 42
39 38 7
6
45 11 43 42 41 40 39 38
37 36 5
6
7
8
9 10
38 39 40 41
59
PGA2
–
+
PGA1
–
+
ADC
ADC
TEMP
ADC
VDCIN
ADC
PROGRAM MEMORY
16kB FLASH
POWER SUPPLY
CONTROL AND
MONITORING
USER RAM
256 BYTES
USER XRAM
256 BYTES
TEMP
SENSOR
BATTERY
ADC
SPI/I2C
SERIAL
INTERFACE
3 × 16-BIT
COUNTER
TIMERS
108-SEGMENT
LCD DRIVER
WATCHDOG
TIMER
DOWNLOADER
DEBUGGER
PLL
LDO
UART
TIMER
POR
Figure 1. ADE7566/ADE7569 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com