Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF8-RL Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 1 Page - Analog Devices

  ADE7566ASTZF8-RL Datasheet HTML 1Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 2Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 3Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 4Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 5Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 6Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 7Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 8Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
Single-Phase Energy Measurement IC with
8052 MCU, RTC, and LCD Driver
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2007 Analog Devices, Inc. All rights reserved.
GENERAL FEATURES
Wide supply voltage operation: 2.4 V to 3.7 V
Internal bipolar switch between regulated and battery inputs
Ultralow power operation with power-saving modes (PSM)
Full operation: 4 mA to 1.6 mA (PLL clock dependent)
Battery mode: 3.2 mA to 400 μA (PLL clock dependent)
Sleep mode
Real-time clock (RTC) mode: 1.5 μA
RTC and LCD mode: 27 μA (LCD charge pump enabled)
Reference: 1.2 V ± 0.1% (10 ppm/°C drift)
64-lead RoHS package options
Lead frame chip scale package (LFCSP)
Low profile quad flat package (LQFP)
Operating temperature range: −40°C to +85°C
ENERGY MEASUREMENT FEATURES
Proprietary analog-to-digital converters (ADCs) and digital
signal processing (DSP) provide high accuracy active
(Watt), reactive (VAR), and apparent energy (VA)
measurement
Less than 0.1% error on active energy over a dynamic
range of 1000 to 1 @ 25°C
Less than 0.5% error on reactive energy over a dynamic
range of 1000 to 1 @ 25°C (ADE7569 and ADE7169 only)
Less than 0.5% error on root mean square (rms)
measurements over a dynamic range of 500 to 1 for
current (Irms) and 100 to 1 for voltage (Vrms) @ 25°C
Supports IEC 62053-21, IEC 62053-22, IEC 62053-23,
EN 50470-3 Class A, Class B, and Class C, and ANSI C12-16
Differential input with programmable gain amplifiers (PGAs)
supports shunts, current transformers, and di/dt current
sensors (ADE7569 and ADE7169 only)
Two current inputs for antitamper detection in the
ADE7166/ADE7169
High frequency outputs proportional to Irms, active, reactive,
or apparent power (AP)
Table 1.
Part No.
Anti-
Tamper
Watt, VA,
Irms, Vrms
VAR
di/dt Sensor
ADE7566
No
Yes
No
No
ADE7569
No
Yes
Yes
Yes
ADE7166
Yes
Yes
No
No
ADE7169
Yes
Yes
Yes
Yes
MICROPROCESSOR FEATURES
8052-based core
Single-cycle 4 MIPS 8052 core
8052-compatible instruction set
32.768 kHz external crystal with on-chip PLL
Two external interrupt sources
External reset pin
Low power battery mode
Wake-up from I/O, temperature change, alarm, and
universal asynchronous receiver/transmitter (UART)
LCD driver operation
Temperature measurement
Real-time clock
Counter for seconds, minutes, and hours
Automatic battery switchover for RTC backup
Operation down to 2.4 V
Ultralow battery supply current: 1.5 μA
Selectable output frequency: 1 Hz to 16.384 kHz
Embedded digital crystal frequency compensation for
calibration and temperature variation 2 ppm resolution
Integrated LCD driver
108-segment driver for the ADE7566/ADE7569 and
104-segment driver for the ADE7166/ADE7169
2×, 3×, or 4× multiplexing
LCD voltages generated internally or with external resistors
Internal adjustable drive voltages up to 5 V independent
of power supply level
On-chip peripherals
UART, SPI or I2C, and watchdog timer
Power supply monitoring with user-selectable levels
Memory: 16 kB flash memory, 512 bytes RAM
Development tools
Single-pin emulation
IDE-based assembly and C-source debugging


Similar Part No. - ADE7566ASTZF8-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7566ASTZF8-RL AD-ADE7566ASTZF8-RL Datasheet
1Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
Rev. PrE 01/07
ADE7566ASTZF8-RL2 AD-ADE7566ASTZF8-RL2 Datasheet
1Mb / 136P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrA
More results

Similar Description - ADE7566ASTZF8-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7169F16 AD-ADE7169F16 Datasheet
1Mb / 140P
Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
ADE5166 AD-ADE5166 Datasheet
1Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrB
ADE75 AD-ADE75 Datasheet
1Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
Rev. PrE 01/07
ADE7569 AD-ADE7569 Datasheet
1Mb / 136P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
Rev. PrA
ADE5166 AD-ADE5166_08 Datasheet
2Mb / 148P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. 0
ADE5166 AD-ADE5166_09 Datasheet
2Mb / 156P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7116 AD-ADE7116_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7156 AD-ADE7156_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7166 AD-ADE7166_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
ADE7169 AD-ADE7169_15 Datasheet
2Mb / 152P
Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com