Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF8-RL Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 15Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 16Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 17Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 18Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 19Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 20Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 21Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 22Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 19 of 144
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0.1
1
10
100
PF = +0.5
PF = 1
PF = –0.5
MID CLASS C
MID CLASS C
CURRENT CHANNEL (% of Full Scale)
GAIN = 8
INTEGRATOR OFF
INTERNAL REFERENCE
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
CURRENT CHANNEL (% of Full Scale)
GAIN = 1
INTEGRATOR OFF
INTERNAL REFERENCE
Vrms; 3.3V
Irms; 3.13V
Irms; 3.3V
Irms; 3.43V
Vrms; 3.13V
Vrms; 3.43V
Figure 19. Active Energy Error as a Percentage of Reading (Gain = 8) over
Power Factor with Internal Reference, Integrator Off
Figure 16. Voltage and Current RMS Error as a Percentage of Reading (Gain = 1)
over Power Supply with Internal Reference
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
PF = +0.5
PF = –0.5
–1.0
1.0
0.1
1
10
100
CURRENT CHANNEL (% of Full Scale)
GAIN = 8
INTEGRATOR OFF
INTERNAL REFERENCE
PF = 1
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
40
45
50
55
60
65
70
PF = 1
PF = 0.5
MID CLASS B
MID CLASS B
GAIN = 1
INTEGRATOR OFF
INTERNAL REFERENCE
LINE FREQUENCY (Hz)
Figure 20. Reactive Energy Error as a Percentage of Reading (Gain = 8) over
Power Factor with Internal Reference, Integrator Off
Figure 17. Active Energy Error as a Percentage of Reading (Gain = 1) over
Frequency with Internal Reference, Integrator Off
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0.1
1
10
100
PF = +0.5
PF = 1
PF = –0.5
MID CLASS C
MID CLASS C
CURRENT CHANNEL (% of Full Scale)
GAIN = 8
INTEGRATOR OFF
INTERNAL REFERENCE
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
CURRENT CHANNEL (% of Full Scale)
GAIN = 1
INTEGRATOR OFF
INTERNAL REFERENCE
VAR; 3.3V
W; 3.43V
W; 3.13V
W; 3.3V
VAR; 3.43V
VAR; 3.13V
Figure 21. Current RMS Error as a Percentage of Reading (Gain = 8) over
Power Factor with Internal Reference, Integrator Off
Figure 18. Active and Reactive Energy Error as a Percentage of Reading (Gain = 1)
over Power Supply with Internal Reference, Integrator Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com