Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF8-RL Datasheet(PDF) 51 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 51 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 47Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 48Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 49Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 50Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 51Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 52Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 53Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 54Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 51 of 144
Calibration Concerns
Typically, when a meter is being calibrated, the voltage and
current circuits are separated, as shown in Figure 48. This
means that current passes through only the phase or neutral
circuit. Figure 48 shows current being passed through the phase
circuit. This is the preferred option because the ADE7166/
ADE7169 start billing on the input IPA on power-up. The phase
circuit CT is connected to IPA in the diagram. Because the
current sensors are not perfectly matched, it is important to
match current inputs. The ADE7166/ADE7169 provide a gain
calibration register for IPB, IBGAIN (address 0x1C). IBGAIN is a
12-bit, signed, twos complement register that provides a gain
resolution of 0.0244%/LSB.
For calibration, a first measurement should be done on IPA by
setting the SEL_I_CH bits to 0b01 in the CALMODE Register
(0x3D). This measurement should be compared to the
measurement on IPB. Measuring IPB can be forced by setting
SEL_I_CH bits to 0b10 in the CALMODE Register (0x3D). The
gain error between these two measurements can be evaluated using
()
()
( )
()
A
A
B
I
t
Measuremen
I
t
Measuremen
I
t
Measuremen
Error
−
=
%
The two channels IPA and IPB can then be matched by writing
–Error(%)/(1 + Error (%)) × 212 to the IBGAIN register. This
matching adjustment is be valid for all energy measurements,
active power, reactive power, Irms, and apparent power, made by
the ADE7166/ADE7169.
AGND
IPB
IN
IPA
RF
RF
CF
CF
CT
CT
RB
RB
0V
VA
0
IPB
RF
RA
VP
RF
VN
CT
CF
V
TEST
CURRENT
240V rms
Figure 48. Fault Conditions for Inactive Input Greater Than Active Input
di/dt CURRENT SENSOR AND DIGITAL
INTEGRATOR FOR THE ADE7569/ADE7169
A di/dt sensor, a feature available for the AD7569/ADE7169 but
not for the AD7566/ADE7166, detects changes in the magnetic
field caused by ac currents. Figure 49 shows the principle of a
di/dt current sensor.
MAGNETIC FIELD CREATED BY CURRENT
(DIRECTLY PROPORTIONAL TO CURRENT)
+ EMF (ELECTROMOTIVE FORCE)
– INDUCED BY CHANGES IN
MAGNETIC FLUX DENSITY (di/dt)
Figure 49. Principle of a di/dt Current Sensor
The flux density of a magnetic field induced by a current is
directly proportional to the magnitude of the current. The
changes in the magnetic flux density passing through a conductor
loop generate an electromotive force (EMF) between the two
ends of the loop. The EMF is a voltage signal that is proportional
to the di/dt of the current. The voltage output from the di/dt
current sensor is determined by the mutual inductance between
the current-carrying conductor and the di/dt sensor. The current
signal needs to be recovered from the di/dt signal before it can
be used. An integrator is therefore necessary to restore the
signal to its original form.
The ADE7569/ADE7169 have a built-in digital integrator to
recover the current signal from the di/dt sensor. The digital
integrator on the current channel is switched off by default when
the ADE7569/ADE7169 are powered up. Setting the INTE bit in
the MODE1 register (0x0B) turns on the integrator. Figure 50 to
Figure 53 show the magnitude and phase response of the digital
integrator.
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
–50
100
1000
Figure 50. Combined Gain Response of the Digital Integrator and
Phase Compensator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com